Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1941EFE Datasheet(PDF) 11 Page - Linear Technology

Part # LT1941EFE
Description  Triple Monolithic Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1941EFE Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1941EFE Datasheet HTML 7Page - Linear Technology LT1941EFE Datasheet HTML 8Page - Linear Technology LT1941EFE Datasheet HTML 9Page - Linear Technology LT1941EFE Datasheet HTML 10Page - Linear Technology LT1941EFE Datasheet HTML 11Page - Linear Technology LT1941EFE Datasheet HTML 12Page - Linear Technology LT1941EFE Datasheet HTML 13Page - Linear Technology LT1941EFE Datasheet HTML 14Page - Linear Technology LT1941EFE Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LT1941
1941f
APPLICATIO S I FOR ATIO
The optimum inductor for a given application may differ
from the one indicated by this simple design guide. A
larger value inductor provides a slightly higher maximum
load current and will reduce the output voltage ripple. If
your load is lower than the maximum load current, then
you can relax the value of the inductor and operate with
higher ripple current. This allows you to use a physically
smaller inductor or one with a lower DCR resulting in
higher efficiency. Be aware that if the inductance differs
from the simple rule above, then the maximum load
current will depend on input voltage. In addition, low
inductance may result in discontinuous mode operation,
which further reduces maximum load current. For details
of maximum output current and discontinuous mode
operation, see Linear Technology’s Application Note AN44.
Finally, for duty cycles greater than 50% (VOUT/VIN > 0.5),
a minimum inductance is required to avoid subharmonic
oscillations. See AN19.
The current in the inductor is a triangle wave with an
average value equal to the load current. The peak switch
current is equal to the output current plus half the peak-to-
peak inductor ripple current. The LT1941 limits its switch
current in order to protect itself and the system from
overload faults. Therefore, the maximum output current
that the LT1941 will deliver depends on the switch current
limit, the inductor value and the input and output voltages.
When the switch is off, the potential across the inductor is
the output voltage plus the catch diode drop. This gives the
peak-to-peak ripple current in the inductor:
∆IL = (1 – DC)(VOUT + VF)/(L • f)
where f is the switching frequency of the LT1941 and L is
the value of the inductor. The peak inductor and switch
current is:
ISWPK = ILPK = IOUT + ∆IL/2
To maintain output regulation, this peak current must be
less than the LT1941’s switch current limit ILIM. For SW1,
ILIM is at least 3A at low duty cycles and decreases linearly
to 2.4A at DC = 0.8. For SW2, ILIM is at least 2A for at low
duty cycles and decreases linearly to 1.6A at DC = 0.8. The
maximum output current is a function of the chosen
inductor value:
IOUT(MAX) = ILIM – ∆IL/2
= 3 • (1 – 0.25 • DC) –
∆IL/2 for SW1
= 2 • (1 – 0.25 • DC) –
∆IL/2 for SW2
Choosing an inductor value so that the ripple current is
small will allow a maximum output current near the switch
current limit.
One approach to choosing the inductor is to start with the
simple rule given above, look at the available inductors
and choose one to meet cost or space goals. Then use
these equations to check that the LT1941 will be able to
deliver the required output current. Note again that these
equations assume that the inductor current is continuous.
Discontinuous operation occurs when IOUT is less than
∆IL/2.
Output Capacitor Selection
For 5V and 3.3V outputs, a 10
µF, 6.3V ceramic capacitor
(X5R or X7R) at the output results in very low output
voltage ripple and good transient response. For lower
voltages, 10
µF is adequate for ripple requirements but
increasing COUT will improve transient performance. Other
types and values will also work; the following discusses
tradeoffs in output ripple and transient performance.
The output capacitor filters the inductor current to gener-
ate an output with low voltage ripple. It also stores energy
in order to satisfy transient loads and stabilize the LT1941’s
control loop. Because the LT1941 operates at a high
frequency, minimal output capacitance is necessary. In
addition, the control loop operates well with or without the
presence of output capacitor series resistance (ESR).
Ceramic capacitors, which achieve very low output ripple
and small circuit size, are therefore an option.


Similar Part No. - LT1941EFE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT1941-81 ETC-LT1941-81 Datasheet
455Kb / 1P
   SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
LT1941R-81 ETC-LT1941R-81 Datasheet
455Kb / 1P
   SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
logo
Linear Technology
LT1941 LINER-LT1941_15 Datasheet
236Kb / 24P
   Triple Monolithic Switching Regulator
More results

Similar Description - LT1941EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1941 LINER-LT1941_15 Datasheet
236Kb / 24P
   Triple Monolithic Switching Regulator
LT3507A LINER-LT3507A Datasheet
384Kb / 8P
   Triple Monolithic Step-Down Regulator with LDO
LT3507 LINER-LT3507 Datasheet
341Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
LT3507A LINER-LT3507A_15 Datasheet
381Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
Linear Integrated Syste...
LT3507EUHF LINEAR-LT3507EUHF Datasheet
280Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
Linear Dimensions Semic...
LT3507EUHFTRPBF LINEAR_DIMENSIONS-LT3507EUHFTRPBF Datasheet
307Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
Linear Technology
LT3507 LINER-LT3507_15 Datasheet
307Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
LT8601 LINER-LT8601 Datasheet
1Mb / 26P
   42V Triple Monolithic Synchronous Step-Down Regulator
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490 Datasheet
390Kb / 16P
   Triple Output Step-Down Switching Regulator
A4490EES-T ALLEGRO-A4490EES-T Datasheet
395Kb / 17P
   Triple Output Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com