Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M464S1724DTS-L7A Datasheet(PDF) 1 Page - Samsung semiconductor

Part # M464S1724DTS-L7A
Description  16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M464S1724DTS-L7A Datasheet(HTML) 1 Page - Samsung semiconductor

  M464S1724DTS-L7A Datasheet HTML 1Page - Samsung semiconductor M464S1724DTS-L7A Datasheet HTML 2Page - Samsung semiconductor M464S1724DTS-L7A Datasheet HTML 3Page - Samsung semiconductor M464S1724DTS-L7A Datasheet HTML 4Page - Samsung semiconductor M464S1724DTS-L7A Datasheet HTML 5Page - Samsung semiconductor M464S1724DTS-L7A Datasheet HTML 6Page - Samsung semiconductor M464S1724DTS-L7A Datasheet HTML 7Page - Samsung semiconductor M464S1724DTS-L7A Datasheet HTML 8Page - Samsung semiconductor M464S1724DTS-L7A Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M464S1724DTS
Rev. 0.1 Sept. 2001
PC133/PC100 SODIMM
The Samsung M464S1724DTS is a 16M bit x 64 Synchronous
Dynamic RAM high density memory module. The Samsung
M464S1724DTS consists of eight CMOS 8M x 16 bit with
4banks Synchronous DRAMs in TSOP-II 400mil package and a
2K EEPROM in 8-pin TSSOP package on a 144-pin glass-epoxy
substrate. Three 0.1uF decoupling capacitors are mounted on
the printed circuit board in parallel for each SDRAM. The
M464S1724DTS is a Small Outline Dual In-line Memory Module
and is intended for mounting into 144-pin edge connector sock-
ets.
Synchronous design allows precise cycle control with the use of
system clock. I/O transactions are possible on every clock cycle.
Range of operating frequencies, programmable latencies allows
the same device to be useful for a variety of high bandwidth,
high performance memory system applications.
• Performance range
• Burst mode operation
• Auto & self refresh capability (4096 Cycles/64ms)
• LVTTL compatible inputs and outputs
• Single 3.3V
± 0.3V power supply
• MRS cycle with address key programs
Latency (Access from column address)
Burst length (1, 2, 4, 8 & Full page)
Data scramble (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the
system clock
• Serial presence detect with EEPROM
• PCB : Height (1,250mil) , double sided component
Part No.
Max Freq. (Speed)
M464S1724DTS-L7C/C7C
133MHz (7.5ns @ CL=2)
M464S1724DTS-L7A/C7A
133MHz (7.5ns @ CL=3)
M464S1724DTS-L1H/C1H
100MHz (10ns @ CL=2)
M464S1724DTS-L1L/C1L
100MHz (10ns @ CL=3)
FEATURE
GENERAL DESCRIPTION
M464S1724DTS SDRAM SODIMM
16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
PIN NAMES
*
These pins are not used in this module.
** These pins should be NC in the system
which does not support SPD.
Pin Name
Function
A0 ~ A11
Address input (Multiplexed)
BA0 ~ BA1
Select bank
DQ0 ~ DQ63
Data input/output
CLK0 ~ CLK1
Clock input
CKE0 ~ CKE1
Clock enable input
CS0 ~ CS1
Chip select input
RAS
Row address strobe
CAS
Column address strobe
WE
Write enable
DQM0 ~ 7
DQM
VDD
Power supply (3.3V)
VSS
Ground
SDA
Serial data I/O
SCL
Serial clock
DU
Don
′t use
NC
No connection
PIN CONFIGURATIONS (Front side/back side)
Pin
Front
Pin
Back
Pin
Front
Pin
Back
Pin
Front
Pin
Back
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
VSS
DQ0
DQ1
DQ2
DQ3
VDD
DQ4
DQ5
DQ6
DQ7
VSS
DQM0
DQM1
VDD
A0
A1
A2
VSS
DQ8
DQ9
DQ10
DQ11
VDD
DQ12
DQ13
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
VSS
DQ32
DQ33
DQ34
DQ35
VDD
DQ36
DQ37
DQ38
DQ39
VSS
DQM4
DQM5
VDD
A3
A4
A5
VSS
DQ40
DQ41
DQ42
DQ43
VDD
DQ44
DQ45
51
53
55
57
59
61
63
65
67
69
71
73
75
77
79
81
83
85
87
89
91
93
DQ14
DQ15
VSS
NC
NC
CLK0
VDD
RAS
WE
CS0
CS1
DU
VSS
NC
NC
VDD
DQ16
DQ17
DQ18
DQ19
VSS
DQ20
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
DQ46
DQ47
VSS
NC
NC
CKE0
VDD
CAS
CKE1
*A12
*A13
CLK1
VSS
NC
NC
VDD
DQ48
DQ49
DQ50
DQ51
VSS
DQ52
95
97
99
101
103
105
107
109
111
113
115
117
119
121
123
125
127
129
131
133
135
137
139
141
143
DQ21
DQ22
DQ23
VDD
A6
A8
V SS
A9
A10/AP
VDD
DQM2
DQM3
V SS
DQ24
DQ25
DQ26
DQ27
VDD
DQ28
DQ29
DQ30
DQ31
V SS
**SDA
VDD
96
98
100
102
104
106
108
110
112
114
116
118
120
122
124
126
128
130
132
134
136
138
140
142
144
DQ53
DQ54
DQ55
VDD
A7
BA0
V SS
BA1
A11
VDD
DQM6
DQM7
V SS
DQ56
DQ57
DQ58
DQ59
VDD
DQ60
DQ61
DQ62
DQ63
V SS
**SCL
VDD
* SAMSUNG ELECTRONICS CO., Ltd. reserves the right to change products and specifications without notice.
Voltage Key


Similar Part No. - M464S1724DTS-L7A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S1724CT1 SAMSUNG-M464S1724CT1 Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-C1H SAMSUNG-M464S1724CT1-C1H Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-C1L SAMSUNG-M464S1724CT1-C1L Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-L1H SAMSUNG-M464S1724CT1-L1H Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-L1H/C1H SAMSUNG-M464S1724CT1-L1H/C1H Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
More results

Similar Description - M464S1724DTS-L7A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S1724CT1 SAMSUNG-M464S1724CT1 Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
KMM366S1623AT SAMSUNG-KMM366S1623AT Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S1623ET0 SAMSUNG-M366S1623ET0 Datasheet
176Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0924CT1 SAMSUNG-M464S0924CT1 Datasheet
102Kb / 9P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0824DT1 SAMSUNG-M464S0824DT1 Datasheet
154Kb / 9P
   8Mx64 SDRAM SODIMM based on 4Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0924DTS SAMSUNG-M464S0924DTS Datasheet
85Kb / 11P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S1654CTS SAMSUNG-M366S1654CTS Datasheet
173Kb / 11P
   16Mx64 SDRAM DIMM based on 16Mx16, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
PC133 SAMSUNG-PC133 Datasheet
166Kb / 11P
   32Mx64 SDRAM SODIMM based on 16Mx16, 4Banks, 8K Refresh,3.3V Synchronous DRAMs with SPD
M366S3323DTS SAMSUNG-M366S3323DTS Datasheet
175Kb / 11P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3323CT0-C75 SAMSUNG-M366S3323CT0-C75 Datasheet
201Kb / 9P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com