Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5891EGK Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5891EGK
Description  16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5891EGK Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5891EGK Datasheet HTML 5Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 6Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 7Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 8Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 9Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 10Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 11Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 12Page - Maxim Integrated Products MAX5891EGK Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Detailed Description
Architecture
The MAX5891 high-performance, 16-bit, current-steer-
ing DAC (see the Functional Diagram) operates with
DAC update rates up to 600Msps. The current-steering
array generates differential full-scale currents in the
2mA to 20mA range. An internal current-switching net-
work, in combination with external 50
Ω termination
resistors, converts the differential output currents into a
differential output voltage with a 0.1V to 1V peak-to-
peak output voltage range. The analog outputs have a
-1.0V to +1.1V voltage compliance. For applications
requiring high dynamic performance, use the differen-
tial output configuration and limit the output voltage
swing to ±0.5V at each output. An integrated +1.2V
bandgap reference, control amplifier, and user-selec-
table external resistor determine the data converter’s
full-scale output range.
Reference Architecture and Operation
The MAX5891 operates with the internal +1.2V
bandgap reference or an external reference voltage
source. REFIO serves as the input for an external, low-
impedance reference source or as a reference output
when the DAC operates in internal reference mode. For
stable operation with the internal reference, bypass
REFIO to AGND with a 0.1µF capacitor. The REFIO out-
put resistance is 10k
Ω. Buffer REFIO with a high-input-
impedance amplifier when using it as a reference
source for external circuitry.
The MAX5891’s reference circuit (Figure 1) employs a
control amplifier to regulate the full-scale current,
IOUTFS, for the differential current outputs of the DAC.
Calculate the output current as follows:
where IOUTFS is the full-scale output current of the
DAC. RSET (located between FSADJ and DACREF)
determines the amplifier’s full-scale output current for
the DAC. See Table 1 for a matrix of different IOUTFS
and RSET selections.
Analog Outputs (OUTP, OUTN)
The complementary current outputs (OUTP, OUTN) can
be connected in a single-ended or differential configu-
ration. A load resistor converts these two output cur-
rents into complementary single-ended output
voltages. A transformer or a differential amplifier con-
verts the differential voltage existing between OUTP
and OUTN to a single-ended voltage. When not using a
transformer, terminate each output with a 25
Ω resistor
to ground and a 50
Ω resistor between the outputs.
To generate a single-ended output, select OUTP as the
output and connect OUTN to AGND. Figure 2 shows a
simplified diagram of the internal output structure of the
MAX5891.
I
V
R
OUTFS
REFIO
SET
×
32
1
1
2
16
16-Bit, 600Msps, High-Dynamic-Performance
DAC with LVDS Inputs
_______________________________________________________________________________________
9
RSET (
Ω)
FULL-SCALE CURRENT
IOUTFS (mA)
CALCULATED
1% EIA STD
2
19.2k
19.1k
5
7.68k
7.5k
10
3.84k
3.83k
15
2.56k
2.55k
20
1.92k
1.91k
Table 1. IOUTFS and RSET Selection Matrix
Based on a Typical +1.200V Reference
Voltage
OUTP
OUTN
+1.2V
REFERENCE
CURRENT-SOURCE
ARRAY DAC
REFIO
FSADJ
RSET
IREF
10k
DACREF
0.1
µF
IREF = VREFIO / RSET
Figure 1. Reference Architecture, Internal Reference
Configuration


Similar Part No. - MAX5891EGK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5891EVKIT MAXIM-MAX5891EVKIT Datasheet
274Kb / 14P
   MAX5889/MAX5890/MAX5891 Evaluation Kits
Rev 2; 7/07
More results

Similar Description - MAX5891EGK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5878 MAXIM-MAX5878 Datasheet
511Kb / 18P
   16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
Rev 0; 2/05
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
MAX5887 MAXIM-MAX5887 Datasheet
982Kb / 18P
   3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2777; Rev 1; 10/03
MAX5885 MAXIM-MAX5885 Datasheet
862Kb / 10P
   3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2786; Rev 1; 12/03
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5195 MAXIM-MAX5195 Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
   16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com