Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M464S1724DTS-C1L Datasheet(PDF) 11 Page - Samsung semiconductor

Part # M464S1724DTS-C1L
Description  16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M464S1724DTS-C1L Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button M464S1724DTS-C1L Datasheet HTML 3Page - Samsung semiconductor M464S1724DTS-C1L Datasheet HTML 4Page - Samsung semiconductor M464S1724DTS-C1L Datasheet HTML 5Page - Samsung semiconductor M464S1724DTS-C1L Datasheet HTML 6Page - Samsung semiconductor M464S1724DTS-C1L Datasheet HTML 7Page - Samsung semiconductor M464S1724DTS-C1L Datasheet HTML 8Page - Samsung semiconductor M464S1724DTS-C1L Datasheet HTML 9Page - Samsung semiconductor M464S1724DTS-C1L Datasheet HTML 10Page - Samsung semiconductor M464S1724DTS-C1L Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
M464S1724DTS
Rev. 0.1 Sept. 2001
PC133/PC100 SODIMM
Byte #
Function Described
Function Supported
Hex value
Note
-7C
-7A
-1H
-1L
-7C
-7A
-1H
-1L
35
Data signal input hold time
0.8ns
0.8ns
10ns
10ns
08h
08h
10h
10h
36~61
Superset information (maybe used in future)
-
00h
62
SPD data revision code
Intel Rev 1.2B
12h
63
Checksum for bytes 0 ~ 62
-
66h
A7h
0Eh
3Eh
64
Manufacturer JEDEC ID code
Samsung
CEh
65~71
...... Manufacturer JEDEC ID code
Samsung
00h
72
Manufacturing location
Onyang Korea
01h
73
Manufacturer part # (Memory module)
M
4Dh
74
Manufacturer part # (DIMM Configuration)
4
34h
75
Manufacturer part # (Data bits)
Blank
20h
76
...... Manufacturer part # (Data bits)
6
36h
77
...... Manufacturer part # (Data bits)
4
34h
78
Manufacturer part # (Mode & operating voltage)
S
53h
79
Manufacturer part # (Module depth)
1
31h
80
...... Manufacturer part # (Module depth)
7
37h
81
Manufacturer part # (Refresh, #of banks in Comp. & Interface)
2
32h
82
Manufacturer part # (Composition component)
4
34h
83
Manufacturer part # (Component revision)
D
44h
84
Manufacturer part # (Package type)
T
54h
85
Manufacturer part # (PCB revision & type)
S
53h
86
Manufacturer part # (Hyphen)
" - "
2Dh
87
Manufacturer part # (Power)
L / C
4Ch / 43h
88
Manufacturer part # (Minimum cycle time)
7
7
1
1
37h
37h
31h
31h
89
Manufacturer part # (Minimum cycle time)
C
A
H
L
43h
41h
48h
4Ch
90
Manufacturer part # (TBD)
Blank
20h
91
Manufacturer revision code (For PCB)
S
53h
92
...... Manufacturer revision code (For component)
D-die (5th Gen.)
44h
93
Manufacturing date (Year)
-
-
3
94
Manufacturing date (Week)
-
-
3
95~98
Assembly serial #
-
-
4
99~125
Manufacturer specific data (may be used in future)
Undefined
-
126
System frequency for 100MHz
100MHz
64h
127
PC100 specification details
Detailed PC100 Information
CFh
CFh
CFh
CDh
128+
Unused storage locations
Undefined
-
1. The row select address is excluded in counting the total # of addresses.
2. This value is based on the component specification.
3. These bytes are programmed by code of Date Week & Date Year with BCD format.
4. These bytes are programmed by Samsung
′s own Assembly Serial # system. All modules may have different unique serial #.
Note :


Similar Part No. - M464S1724DTS-C1L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S1724CT1 SAMSUNG-M464S1724CT1 Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-C1H SAMSUNG-M464S1724CT1-C1H Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-C1L SAMSUNG-M464S1724CT1-C1L Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-L1H SAMSUNG-M464S1724CT1-L1H Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-L1H/C1H SAMSUNG-M464S1724CT1-L1H/C1H Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
More results

Similar Description - M464S1724DTS-C1L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S1724CT1 SAMSUNG-M464S1724CT1 Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
KMM366S1623AT SAMSUNG-KMM366S1623AT Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S1623ET0 SAMSUNG-M366S1623ET0 Datasheet
176Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0924CT1 SAMSUNG-M464S0924CT1 Datasheet
102Kb / 9P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0824DT1 SAMSUNG-M464S0824DT1 Datasheet
154Kb / 9P
   8Mx64 SDRAM SODIMM based on 4Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0924DTS SAMSUNG-M464S0924DTS Datasheet
85Kb / 11P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S1654CTS SAMSUNG-M366S1654CTS Datasheet
173Kb / 11P
   16Mx64 SDRAM DIMM based on 16Mx16, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
PC133 SAMSUNG-PC133 Datasheet
166Kb / 11P
   32Mx64 SDRAM SODIMM based on 16Mx16, 4Banks, 8K Refresh,3.3V Synchronous DRAMs with SPD
M366S3323DTS SAMSUNG-M366S3323DTS Datasheet
175Kb / 11P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3323CT0-C75 SAMSUNG-M366S3323CT0-C75 Datasheet
201Kb / 9P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com