Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM6020SA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OM6020SA
Description  POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM6020SA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OM6020SA Datasheet HTML 1Page - List of Unclassifed Manufacturers OM6020SA Datasheet HTML 2Page - List of Unclassifed Manufacturers OM6020SA Datasheet HTML 3Page - List of Unclassifed Manufacturers OM6020SA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OM6017SA - OM6020SA
3.1
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Parameter
OM6017SA OM6018SA OM6019SA OM6020SA Units
V
DS
Drain-Source Voltage
100
200
400
500
V
V
DGR
Drain-Gate Voltage (R
GS = 1 M )
100
200
400
500
V
I
D @ TC = 25°C
Continuous Drain Current2
±25
±25
±13
±11
A
I
D @ TC = 100°C
Continuous Drain Current2
±16
±16
±8
±7
A
I
DM
Pulsed Drain Current1
±100
±80
±54
±40
A
V
GS
Gate-Source Voltage
± 20
± 20
±20
± 20
V
P
D @ TC = 25°C
Maximum Power Dissipation
125
125
125
125
W
P
D @ TC = 100°C
Maximum Power Dissipation
50
50
50
50
W
Junction To Case
Linear Derating Factor
1.0
1.0
1.0
1.0
W/°C
Junction To Ambient
Linear Derating Factor
.020
.020
.020
.020
W/°C
T
J
Operating and
T
stg
Storage Temperature Range
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Lead Temperature
(1/16" from case for 10 secs.)
300
300
300
300
°C
1 Pulse Test: Pulse width 300 µsec. Duty Cycle 2%.
2 Package Pin Limitation = 15 Amps
THERMAL RESISTANCE
R
thJC
Junction-to-Case
1.0
°C/W
R
thJA
Junction-to-Ambient
50
°C/W Free Air Operation
.144 DIA.
.050
.040
.260
.249
.685
.665
.800
.790
.545
.535
.550
.510
.045
.035
.550
.530
.150 TYP.
.150 TYP.
.005
MECHANICAL OUTLINE
.040 DIA.
3 PLCS.
.150
.260
MAX
.040
.940
.500
MIN.
.150
.125
2 PLCS.
.290
.125 DIA.
2 PLS.
.200
.540
.250
.740
.540
.100
2 PLCS.
.300
12
3
12 3
Pin 1: Drain
Pin 2: Source
Pin 3: Gate
NOTES:
Standard Products are supplied with glass feedthroughs. For ceramic feedthroughs, add the letter “C” to the part number.
Example - OMXXXXCSA MOSFETs are also available in Z-Tab, dual and quad pak styles - Please call the factory for more information.
PACKAGE OPTIONS
MOD PAK
Z-TAB
6 PIN SIP


Similar Part No. - OM6020SA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM6021SC IRF-OM6021SC Datasheet
11Kb / 1P
   100V Thru 500V, Up To 35 Amp, N-Channel Power MOSFETs In JEDEC TO-259AA Package
OM6022SC IRF-OM6022SC Datasheet
11Kb / 1P
   100V Thru 500V, Up To 35 Amp, N-Channel Power MOSFETs In JEDEC TO-259AA Package
OM6023SC IRF-OM6023SC Datasheet
11Kb / 1P
   100V Thru 500V, Up To 35 Amp, N-Channel Power MOSFETs In JEDEC TO-259AA Package
OM6024SC IRF-OM6024SC Datasheet
11Kb / 1P
   100V Thru 500V, Up To 35 Amp, N-Channel Power MOSFETs In JEDEC TO-259AA Package
OM6025SA IRF-OM6025SA Datasheet
50Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-254AA SIZE 6 DIE
More results

Similar Description - OM6020SA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N7372 MICROSEMI-2N7372 Datasheet
56Kb / 3P
   Complimentary Power Transistors in Hermetic Isolated TO-254AA Packages
logo
List of Unclassifed Man...
OM6005SC ETC2-OM6005SC Datasheet
50Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
OM1N100SA ETC2-OM1N100SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
logo
International Rectifier
OM6025SA IRF-OM6025SA Datasheet
50Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-254AA SIZE 6 DIE
logo
List of Unclassifed Man...
2N7218 ETC-2N7218 Datasheet
61Kb / 5P
   JANTX, JANTXV POWER MOSFET IN TO-254AA PACKAGE
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
OM11N60SA ETC2-OM11N60SA Datasheet
33Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED
logo
International Rectifier
OM11N60SA IRF-OM11N60SA Datasheet
35Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com