Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72T3655L5BB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72T3655L5BB
Description  2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T3655L5BB Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72T3655L5BB Datasheet HTML 2Page - Integrated Device Technology IDT72T3655L5BB Datasheet HTML 3Page - Integrated Device Technology IDT72T3655L5BB Datasheet HTML 4Page - Integrated Device Technology IDT72T3655L5BB Datasheet HTML 5Page - Integrated Device Technology IDT72T3655L5BB Datasheet HTML 6Page - Integrated Device Technology IDT72T3655L5BB Datasheet HTML 7Page - Integrated Device Technology IDT72T3655L5BB Datasheet HTML 8Page - Integrated Device Technology IDT72T3655L5BB Datasheet HTML 9Page - Integrated Device Technology IDT72T3655L5BB Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
6
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T3645/55/65/75/85/95/105/115/125 2.5V TeraSync
 36-BIT FIFO
1K x 36, 2K x 36, 4K x 36, 8K x 36, 16K x 36, 32K x 36, 64K x 36, 128K x 36 and 256K x 36
BM
I W
OW
Write Port Width
Read Port Width
L
L
L
x36
x36
H
L
L
x36
x18
H
L
H
x36
x9
H
H
L
x18
x36
H
H
H
x9
x36
TABLE 1 — BUS-MATCHING CONFIGURATION MODES
NOTE:
1. Pin status during Master Reset.
Figure 1. Single Device Configuration Signal Flow Diagram
(x36, x18, x9) DATA OUT (Q0 - Qn)
(x36, x18, x9) DATA IN (D0 - Dn)
MASTER RESET (
MRS)
READ CLOCK (RCLK/RD)
READ ENABLE (
REN)
OUTPUT ENABLE (
OE)
EMPTY FLAG/OUTPUT READY (
EF/OR)
PROGRAMMABLE ALMOST-EMPTY (
PAE)
WRITE CLOCK (WCLK/WR)
WRITE ENABLE (
WEN)
LOAD (
LD)
FULL FLAG/INPUT READY (
FF/IR)
PROGRAMMABLE ALMOST-FULL (
PAF)
IDT
72T3645
72T3655
72T3665
72T3675
72T3685
72T3695
72T36105
72T36115
72T36125
PARTIAL RESET (
PRS)
FIRST WORD FALL THROUGH/
SERIAL INPUT (FWFT/SI)
RETRANSMIT (
RT)
5907 drw03
HALF-FULL FLAG (
HF)
SERIAL ENABLE(
SEN)
INPUT WIDTH (IW)
OUTPUT WIDTH (OW)
BIG-ENDIAN/LITTLE-ENDIAN (
BE)
INTERSPERSED/
NON-INTERSPERSED PARITY (IP)
BUS-
MATCHING
(BM)
SERIAL CLOCK (SCLK)
MARK
READ CHIP SELECT (
RCS)
RCLK ECHO, ERCLK
REN ECHO, EREN
WRITE CHIP SELECT (
WCS)


Similar Part No. - IDT72T3655L5BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T3655 IDT-IDT72T3655 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T3655 RENESAS-IDT72T3655 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
More results

Similar Description - IDT72T3655L5BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
IDT72T3645 RENESAS-IDT72T3645 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
logo
Integrated Device Techn...
72T72115L5BBGI IDT-72T72115L5BBGI Datasheet
471Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285 Datasheet
542Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
72T7285 IDT-72T7285 Datasheet
358Kb / 54P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T7285 RENESAS-IDT72T7285 Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com