Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL30108LDA Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # ZL30108LDA
Description  Network Interface DPLL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30108LDA Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  ZL30108LDA Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL30108LDA Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL30108LDA Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL30108LDA Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL30108LDA Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30108LDA Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30108LDA Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30108LDA Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30108LDA Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ZL30108
Data Sheet
5
Zarlink Semiconductor Inc.
1.0
Pin Description
Pin #
Name
Description
1GND
Ground. 0V
2VCORE
Positive Supply Voltage. +1.8 VDC nominal
3LOCK
Lock Indicator (Output). This output goes to a logic high when the PLL is frequency
locked to the selected input reference.
4
REF_FAIL0
Reference 0 Failure Indicator (Output). A logic high at this pin indicates that the REF0
reference frequency has exceeded the out-of-range limit set by the OOR_SEL pin or that
it is exhibiting abrupt phase or frequency changes.
5
REF_FAIL1
Reference 1 Failure Indicator (Output). A logic high at this pin indicates that the REF1
reference frequency has exceeded the out-of-range limit set by the OOR_SEL pin or that
it is exhibiting abrupt phase or frequency changes.
6VCORE
Positive Supply Voltage. +1.8 VDC nominal.
7AVCORE
Positive Analog Supply Voltage. +1.8 VDC nominal.
8GND
Ground. 0V
9
MODE_SEL
Mode Select (Input). This input determines the mode of operation: See Table 3.
0: Normal mode (device locked to input reference)
1: Freerun mode
10
RST
Reset (Input). A logic low at this input resets the device. On power up, the RST pin must
be held low for a minimum of 300 ns after the power supply pins have reached the
minimum supply voltage. When the RST pin goes high, the device will transition into a
Reset state for 3 ms. In the Reset state all outputs will be forced into high impedance.
11
OSCo
Oscillator Master Clock (Output). For crystal operation, a 20 MHz crystal is connected
from this pin to OSCi. This output is not suitable for driving other devices. For clock
oscillator operation, this pin must be left unconnected.
12
OSCi
Oscillator Master Clock (Input). For crystal operation, a 20 MHz crystal is connected
from this pin to OSCo. For clock oscillator operation, this pin must be connected to a
clock source.
13
IC
Internal Connection. Connect this pin to VDD.
14
VDD
Positive Supply Voltage. +3.3 VDC nominal
15
AVDD
Positive Analog Supply Voltage. +3.3 VDC nominal
16
GND
Ground. 0V
17
AGND
Analog Ground. 0V
18
AVCORE
Positive Analog Supply Voltage. +1.8 VDC nominal
19
AVDD
Positive Analog Supply Voltage. +3.3 VDC nominal
20
F2ko
Multi Frame Pulse (Output). This is a CMOS 2 kHz active high 51 ns framing pulse,
which marks the beginning of a multi frame.
This clock output pad includes a Schmitt triggered input which serves as a PLL feedback
path; proper transmission-line termination should be applied to maintain reflections below
Schmitt trigger levels.


Similar Part No. - ZL30108LDA

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30108LDA ZARLINK-ZL30108LDA Datasheet
309Kb / 28P
   SONET/SDH Network Interface DPLL
More results

Similar Description - ZL30108LDA

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30108 ZARLINK-ZL30108_06 Datasheet
309Kb / 28P
   SONET/SDH Network Interface DPLL
ZL30106 ZARLINK-ZL30106_05 Datasheet
1Mb / 48P
   SONET/SDH/PDH Network Interface DPLL
ZL30106 ZARLINK-ZL30106 Datasheet
423Kb / 48P
   SONET/SDH/PDH Network Interface DPLL
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
   Network Interface
DS-20001 rev 09/22
logo
Bourns Electronic Solut...
7090 BOURNS-7090 Datasheet
460Kb / 2P
   Network Interface Device
7091 BOURNS-7091 Datasheet
393Kb / 2P
   Network Interface Device
7004 BOURNS-7004 Datasheet
487Kb / 2P
   Network Interface Device
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
logo
Nanjing Qinheng Microel...
CH9120 WCH-CH9120 Datasheet
237Kb / 4P
   Network Interface chip
logo
Bourns Electronic Solut...
708X BOURNS-708X Datasheet
393Kb / 1P
   Network Interface Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com