Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS032G Datasheet(PDF) 2 Page - International Rectifier

Part # IPS032G
Description  SINGLE/DUAL FULLY PROTECTED POWER MOSFET SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS032G Datasheet(HTML) 2 Page - International Rectifier

  IPS032G Datasheet HTML 1Page - International Rectifier IPS032G Datasheet HTML 2Page - International Rectifier IPS032G Datasheet HTML 3Page - International Rectifier IPS032G Datasheet HTML 4Page - International Rectifier IPS032G Datasheet HTML 5Page - International Rectifier IPS032G Datasheet HTML 6Page - International Rectifier IPS032G Datasheet HTML 7Page - International Rectifier IPS032G Datasheet HTML 8Page - International Rectifier IPS032G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IPS031G/IPS032G
2
www.irf.com
(1) Limited by junction temperature (pulsed current limited also by internal wiring)
31
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are ref-
erenced to SOURCE lead. (TAmbient = 25
oC unless otherwise specified). PCB mounting uses the standard footprint with 70
µm
copper thickness. All Sources leads of each mosfet must be connected together to get full current capability
Symbol Parameter
Min.
Max.
Units
Test Conditions
Vds
Maximum drain to source voltage
47
Vin
Maximum input voltage
-0.3
7
Iin, max
Maximum IN current
-10
+10
mA
Isd cont.
Diode max. continuous current (1)
(rth=125oC/W) IPS031G
1.4
(for all sd mosfets, rth=85oC/W) IPS032G
2
Isd pulsed Diode max. pulsed current (1) (for ea. mosfet)
—15
Pd
Maximum power dissipation
(1)
(rth=125oC/W) IPS031G
1
W
(for all Pd mosfets, rth=85oC/W) IPS032G
1.5
ESD1
Electrostatic discharge voltage (Human Body)
4
C=100pF, R=1500
Ω,
ESD2
Electrostatic discharge voltage (Machine Model)
0.5
C=200pF, R=0
Ω, L=10µH
T stor.
Max. storage temperature
-55
150
Tj max.
Max. junction temperature
-40
150
V
A
kV
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Rth1
Thermal resistance with standard footprint
100
Rth2
Thermal resistance with 1" square footprint
65
Rth1
Thermal resistance with standard footprint
(2 mos on)
(2 mosfets on)
85
Rth2
Thermal resistance with standard footprint
(1 mos on)
(1 mosfet on)
100
Rth3
Thermal resistance with 1" square footprint
(2 mos on)
(2 mosfets on)
60
Thermal Chacteristics
SOIC-8
SOIC-16
oC/W
oC


Similar Part No. - IPS032G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
logo
Inchange Semiconductor ...
IPS031N03L ISC-IPS031N03L Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPS031N03LG INFINEON-IPS031N03LG Datasheet
308Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.1 2010-04-07
logo
International Rectifier
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS031S IRF-IPS031S Datasheet
135Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
More results

Similar Description - IPS032G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS022G IRF-IPS022G Datasheet
95Kb / 10P
   DUAL FULLY PROTECTED POWER MOSFET SWITCH
IPS042G IRF-IPS042G Datasheet
92Kb / 10P
   DUAL FULLY PROTECTED POWER MOSFET SWITCH
IPS042GTR IRF-IPS042GTR Datasheet
95Kb / 10P
   DUAL FULLY PROTECTED POWER MOSFET SWITCH
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS0151 IRF-IPS0151 Datasheet
163Kb / 12P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS041L IRF-IPS041L Datasheet
109Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com