Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G941T63U Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G941T63U
Description  3.7V 400mA Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G941T63U Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G941T63U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G941T63U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G941T63U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G941T63U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G941T63U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G941T63U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G941T63U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G941T63U Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ver: 5.5
May 13, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G940/G941
Global Mixed-mode Technology Inc.
SOT-223 (T6) Package
MILLIMETERS
INCHES
SYMBOLS
MIN
MAX
MIN
MAX
A
1.55
1.80
0.061
0.071
A1
0.02
0.12
0.0008
0.0047
B
0.60
0.80
0.024
0.031
B1
2.90
3.10
0.114
0.122
C
0.24
0.32
0.009
0.013
D
6.30
6.70
0.248
0.264
E
3.30
3.70
0.130
0.146
e
2.30 BSC
0.090 BSC
e1
4.60 BSC
0.181 BSC
H
6.70
7.30
0.264
0.287
L
0.90 MIN
0.036 MIN
L2
0.06 BSC
0.0024 BSC
α
10º
10º
A
B
13
°(4X)
A1
e1
e
E
B1
D
H
C
α
13
°(4X)
L2
L


Similar Part No. - G941T63U

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
G94-016-050-AGGM-H MITSUMI-G94-016-050-AGGM-H Datasheet
60Kb / 2P
   Interface Connectors for Cradle
logo
IDEA.lnc.
G946B IDEA-G946B Datasheet
50Kb / 1P
   T-1 LED Indicator, Right-angle, PCB Mount
logo
Hamamatsu Corporation
G9494-256D HAMAMATSU-G9494-256D Datasheet
132Kb / 5P
   InGaAs linear image sensor
G9494-256D HAMAMATSU-G9494-256D Datasheet
137Kb / 5P
   Near infrared image sensor (0.9 to 1.7 關m) with high-speed data rate
G9494-256D HAMAMATSU-G9494-256D_15 Datasheet
233Kb / 8P
   Near infrared image sensors (0.9 to 1.7 m) with high-speed data rate
More results

Similar Description - G941T63U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930 Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113 Datasheet
364Kb / 16P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930_07 Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com