Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR51H320 Datasheet(PDF) 4 Page - International Rectifier

Part # IR51H320
Description  SELF-OSCILLATING HALF BRIDGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR51H320 Datasheet(HTML) 4 Page - International Rectifier

  IR51H320 Datasheet HTML 1Page - International Rectifier IR51H320 Datasheet HTML 2Page - International Rectifier IR51H320 Datasheet HTML 3Page - International Rectifier IR51H320 Datasheet HTML 4Page - International Rectifier IR51H320 Datasheet HTML 5Page - International Rectifier IR51H320 Datasheet HTML 6Page - International Rectifier IR51H320 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
IR51H(D)224
IR51H(D)320
IR51H(D)420
Symbol
Definition
Min.
Typ.
Max.
UnitsTest Conditions
VCCUV+
V
CC supply undervoltage positive going
8.4
V
threshold
VCCUV-
VCC supply undervoltage negative going
8.0
V
threshold
IQCC
Quiescent VCC supply current
300
µA
VCC > VCCUV
VCLAMP VCC zener shunt clamp voltage
15.6
V
ICC = 5mA
IQBS
Quiescent VBS supply current
30
lOS
Offset supply leakage current
50
VB = VIN = 500V
fOSC
Oscillator frequency
20
RT = 35.7 kΩ
CT = 1 nF
100
RT = 7.04 kΩ
CT = 1 nF
ICT
CT input current
0.001
1.0
µA
VCTUV
CT undervoltage lockout
100
Note 2
VRT+
RT high level output voltage, VCC - RT
20
IRT = 100µA
200
IRT = -1mA
VRT-
RT low level output voltage
20
IRT = 100µA
200
IRT = -1mA
VRTUV
RT undervoltage lockout, VCC - RT
100
IRT = 100µA
VCT+
2/3 VCC threshold
8.0
VCT-
1/3 VCC threshold
4.0
Static Electrical Characteristics
VBIAS (VCC, VB) = 12V, TA = 25
oC unless otherwise specified.
Rds(on)
Static-drain-to-source on-resistance
-224
1.1
-320
1.8
-420
3.0
VSD
Diode forward voltage
-224
0.85
-320
0.7
-420
0.8
IF=1.1A
IF=900mA
IF=700mA
IF=1.1A
IF=900mA
IF=700mA
V
kHz
µA
kHz
mV
di/dt
=100
A/
µs


Similar Part No. - IR51H320

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR51H320 IRF-IR51H320 Datasheet
181Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H320 IRF-IR51H320 Datasheet
119Kb / 6P
   POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
More results

Similar Description - IR51H320

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR51HD320 IRF-IR51HD320 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD737 IRF-IR51HD737 Datasheet
193Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD310 IRF-IR51HD310 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD420 IRF-IR51HD420 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H320 IRF-IR51H320 Datasheet
181Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD214 IRF-IR51HD214 Datasheet
184Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H214 IRF-IR51H214 Datasheet
223Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H310 IRF-IR51H310 Datasheet
191Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H737 IRF-IR51H737 Datasheet
182Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD224 IRF-IR51HD224 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com