Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4215DGNRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS4215DGNRG4
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4215DGNRG4 Datasheet(HTML) 4 Page - Texas Instruments

  THS4215DGNRG4 Datasheet HTML 1Page - Texas Instruments THS4215DGNRG4 Datasheet HTML 2Page - Texas Instruments THS4215DGNRG4 Datasheet HTML 3Page - Texas Instruments THS4215DGNRG4 Datasheet HTML 4Page - Texas Instruments THS4215DGNRG4 Datasheet HTML 5Page - Texas Instruments THS4215DGNRG4 Datasheet HTML 6Page - Texas Instruments THS4215DGNRG4 Datasheet HTML 7Page - Texas Instruments THS4215DGNRG4 Datasheet HTML 8Page - Texas Instruments THS4215DGNRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS, V
S = ±5 V
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
R
F = 392 Ω, RL = 499 Ω, G = +2, unless otherwise noted
TYP
OVER TEMPERATURE
MIN/
PARAMETER
TEST CONDITIONS
TYP/
0
°C to –40°C
25
°C
25
°C
UNITS
MAX
70
°C to 85°C
AC PERFORMANCE
G = 1, POUT = –7 dBm
1
GHz
Typ
G = –1, POUT = –16 dBm
325
MHz
Typ
Small signal bandwidth
G = 2, POUT = –16 dBm
325
MHz
Typ
G = 5, POUT = –16 dBm
70
MHz
Typ
G = 10, POUT = –16 dBm
35
MHz
Typ
0.1 dB flat bandwidth
G = 1, POUT = –7 dBm
70
MHz
Typ
Gain bandwidth product
G > 10 , f = 1 MHz
350
MHz
Typ
Full-power bandwidth
G = –1, VO = 2 Vp
77
MHz
Typ
G = 1, VO = 2 V Step
970
V/µs
Typ
Slew rate
G = –1, VO = 2 V Step
850
V/µs
Typ
Settling time to 0.1%
22
ns
Typ
G = –1, VO = 4 V Step
Settling time to 0.01%
55
ns
Typ
Harmonic distortion
RL = 150 Ω
–78
dBc
Typ
2nd-order harmonic distortion
RL = 499 Ω
–90
dBc
Typ
G = 1, VO = 1 VPP,
f = 30 MHz
RL = 150Ω
–100
dBc
Typ
3rd-order harmonic distortion
RL = 499 Ω
–100
dBc
Typ
Harmonic distortion
RL = 150 Ω
–68
dBc
Typ
2nd-order harmonic distortion
RL = 499 Ω
–70
dBc
Typ
G = 2, VO = 2 VPP,
f = 30 MHz
RL = 150Ω
–80
dBc
Typ
3rd-order harmonic distortion
RL = 499 Ω
–82
dBc
Typ
3rd-order intermodulation (IMD3)
G = 2, VO = 2 VPP, RL = 150 Ω, f = 70 MHz
–53
dBc
Typ
3rd-order output intercept (OIP3)
G = 2, VO = 2 VPP, RL = 150 Ω, f = 70 MHz
32
dBm
Typ
Differential gain (NTSC, PAL)
0.007
%
Typ
G = 2, RL = 150 Ω
Differential phase (NTSC, PAL)
0.003
°
Typ
Input voltage noise
f = 1 MHz
7
nV/
√Hz
Typ
Input current noise
f = 10 MHz
4
pA
√Hz
Typ
DC PERFORMANCE
Open-loop voltage gain (AOL)
VO = ±0.3 V, RL = 499 Ω
70
65
62
60
dB
Min
Input offset voltage
3
12
14
14
mV
Max
Average offset voltage drift
±40
±40
µV/
°C
Typ
Input bias current
7
15
18
20
µA
Max
VCM = 0 V
Average bias current drift
±10
±10
nA/
°C
Typ
Input offset current
0.3
6
7
8
µA
Max
Average offset current drift
±10
±10
nA/
°C
Typ
4


Similar Part No. - THS4215DGNRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4215DGN NSC-THS4215DGN Datasheet
1Mb / 50P
   LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
THS4215DGNG4 NSC-THS4215DGNG4 Datasheet
1Mb / 50P
   LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
More results

Similar Description - THS4215DGNRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4211 NSC-THS4211 Datasheet
1Mb / 50P
   LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
logo
Texas Instruments
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
[Old version datasheet]   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171 NSC-LM6171_14 Datasheet
1Mb / 30P
   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
LM6171AIM TI-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171AIM TI1-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com