Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72T36105L7BB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72T36105L7BB
Description  2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T36105L7BB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72T36105L7BB Datasheet HTML 1Page - Integrated Device Technology IDT72T36105L7BB Datasheet HTML 2Page - Integrated Device Technology IDT72T36105L7BB Datasheet HTML 3Page - Integrated Device Technology IDT72T36105L7BB Datasheet HTML 4Page - Integrated Device Technology IDT72T36105L7BB Datasheet HTML 5Page - Integrated Device Technology IDT72T36105L7BB Datasheet HTML 6Page - Integrated Device Technology IDT72T36105L7BB Datasheet HTML 7Page - Integrated Device Technology IDT72T36105L7BB Datasheet HTML 8Page - Integrated Device Technology IDT72T36105L7BB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
2
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T3645/55/65/75/85/95/105/115/125 2.5V TeraSync
 36-BIT FIFO
1K x 36, 2K x 36, 4K x 36, 8K x 36, 16K x 36, 32K x 36, 64K x 36, 128K x 36 and 256K x 36
PIN CONFIGURATION
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
WCS
SCLK
VREF
SEN
D33
D31
D29
D14
D11
D9
D10
D8
PRS
TCK
FWFT/SI
ASYR
SHSTL
BE
TDI
RHSTL
RT
TMS
EF
D3
PAE
WCLK
TRST
MRS
D0
D5
VCC
D7
REN
RCLK
RCS
Q32
Q30
Q28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A1 BALL PAD CORNER
VDDQ
VCC
VCC
VCC
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
HF
LD
VCC
VCC
VCC
VCC
VCC
D13
IP
BM
VDDQ
VCC
D27
D24
D22
D20
D18
D16
IW
D34
D32
D30
D28
D26
D23
D25
D21
D19
D17
D15
D12
D1
Q12
Q10
Q8
Q26
Q24
Q21
Q19
Q17
Q15
ERCLK
Q1
Q3
Q9
Q7
Q5
PFM
MARK
EREN
VCC
VCC
VCC
VCC
VCC
ASYW
WHSTL
FF
VCC
VCC
VCC
VCC
VDDQ
VCC
VDDQ
VDDQ
Q35
VDDQ
VDDQ
VDDQ
GND
VCC
GND
VCC
GND
GND
GND
GND
Q33
VCC
VDDQ
VDDQ
GND
GND
GND
VCC
VDDQ
VDDQ
Q4
VCC
GND
GND
GND
D6
D2
D4
TDO
Q2
Q0
Q6
Q11
Q23
Q22
Q20
Q18
Q16
Q13
Q31
Q29
Q27
Q25
VCC
GND
GND
GND
GND
GND
VCC
GND
GND
VCC
GND
VCC
GND
GND
GND
GND
VCC
VCC
VCC
VCC
VCC
VDDQ
VCC
VDDQ
VDDQ
VDDQ
Q14
VDDQ
WEN
OE
Q34
D35
OW
FSI
PAF
FSO
VCC
5907 drw02
IDT72T3645/72T3655/72T3665/72T3675/72T3685/72T3695 Only
PBGA: 1mm pitch, 17mm x 17mm (BB208-1, order code: BB)
TOP VIEW


Similar Part No. - IDT72T36105L7BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T36105 IDT-IDT72T36105 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
IDT72T36105 RENESAS-IDT72T36105 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
More results

Similar Description - IDT72T36105L7BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
IDT72T3645 RENESAS-IDT72T3645 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
logo
Integrated Device Techn...
72T72115L5BBGI IDT-72T72115L5BBGI Datasheet
471Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285 Datasheet
542Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
72T7285 IDT-72T7285 Datasheet
358Kb / 54P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T7285 RENESAS-IDT72T7285 Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com