Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1181BBS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # ISP1181BBS
Description  Full-speed Universal Serial Bus peripheral controller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1181BBS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button ISP1181BBS Datasheet HTML 2Page - NXP Semiconductors ISP1181BBS Datasheet HTML 3Page - NXP Semiconductors ISP1181BBS Datasheet HTML 4Page - NXP Semiconductors ISP1181BBS Datasheet HTML 5Page - NXP Semiconductors ISP1181BBS Datasheet HTML 6Page - NXP Semiconductors ISP1181BBS Datasheet HTML 7Page - NXP Semiconductors ISP1181BBS Datasheet HTML 8Page - NXP Semiconductors ISP1181BBS Datasheet HTML 9Page - NXP Semiconductors ISP1181BBS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
Philips Semiconductors
ISP1181B
Full-speed USB peripheral controller
Product data
Rev. 02 — 07 December 2004
6 of 70
9397 750 13958
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
EOT
10
5
I
End-Of-Transfer input (programmable
polarity, see Table 21); used by the DMA
controller to force the end of a DMA transfer
to the ISP1181B
DREQ
11
6
O
DMA request output (4 mA; programmable
polarity, see Table 21); signals to the DMA
controller that the ISP1181B wants to start
a DMA transfer
DACK
12
7
I
DMA acknowledge input (programmable
polarity, see Table 21); used by the DMA
controller to signal the start of a DMA
transfer requested by the ISP1181B
TEST1
13
8
I
test input; this pin must be connected to
VCC via an external 10 kΩ resistor
TEST2
14
9
I
test input; this pin must be connected to
VCC via an external 10 kΩ resistor
INT
15
10
O
interrupt output; programmable polarity
(active HIGH or LOW) and signalling (level
or pulse); see Table 21
TEST3
16
11
O
test output; this pin is used for test
purposes only
BUS_CONF0
17
12
I
bus configuration selector; see Table 3
BUS_CONF1
18
13
I
bus configuration selector; see Table 3
DATA15
19
14
I/O
bit 15 of D[15:0]; bidirectional data line
(slew-rate controlled output, 4 mA)
DATA14
20
15
I/O
bit 14 of D[15:0]; bidirectional data line
(slew-rate controlled output, 4 mA)
DATA13
21
16
I/O
bit 13 of D[15:0]; bidirectional data line
(slew-rate controlled output, 4 mA)
DATA12
22
17
I/O
bit 12 of D[15:0]; bidirectional data line
(slew-rate controlled output, 4 mA)
DATA11
23
18
I/O
bit 11 of D[15:0]; bidirectional data line
(slew-rate controlled output, 4 mA)
DATA10
24
19
I/O
bit 10 of D[15:0]; bidirectional data line
(slew-rate controlled output, 4 mA)
GND
25
20
-
ground supply
Vref
26
21
-
I/O pin reference voltage (3.3 V); no
connection if VCC = 5.0 V
DATA9
27
22
I/O
bit 9 of D[15:0]; bidirectional data line
(slew-rate controlled output, 4 mA)
DATA8
28
23
I/O
bit 8 of D[15:0]; bidirectional data line
(slew-rate controlled output, 4 mA)
DATA7
29
24
I/O
bit 7 of D[15:0]; bidirectional data line
(slew-rate controlled output, 4 mA)
DATA6
30
25
I/O
bit 6 of D[15:0]; bidirectional data line
(slew-rate controlled output, 4 mA)
Table 2:
Pin description…continued
Symbol[1]
Pin
Type
Description
TSSOP48
HVQFN48


Similar Part No. - ISP1181BBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181ABS PHILIPS-ISP1181ABS Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181ADGG PHILIPS-ISP1181ADGG Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181DGG PHILIPS-ISP1181DGG Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
More results

Similar Description - ISP1181BBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
8X931AA INTEL-8X931AA Datasheet
226Kb / 30P
   UNIVERSAL SERIAL BUS PERIPHERAL CONTROLLERS
logo
NXP Semiconductors
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
logo
National Semiconductor ...
USBN9604 NSC-USBN9604 Datasheet
580Kb / 60P
   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
Texas Instruments
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
National Semiconductor ...
USBN9603 NSC-USBN9603 Datasheet
560Kb / 60P
   Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
logo
NXP Semiconductors
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com