Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW4516BD Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IW4516BD
Description  Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IW4516BD Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IW4516BD Datasheet HTML 1Page - List of Unclassifed Manufacturers IW4516BD Datasheet HTML 2Page - List of Unclassifed Manufacturers IW4516BD Datasheet HTML 3Page - List of Unclassifed Manufacturers IW4516BD Datasheet HTML 4Page - List of Unclassifed Manufacturers IW4516BD Datasheet HTML 5Page - List of Unclassifed Manufacturers IW4516BD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IW4516B
160
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C25°C
≤125°C
Unit
tPHL, tPLH
Maximum Propagation Delay, Clock to Q
(Figure 1)
5.0
10
15
400
200
150
400
200
150
800
400
300
ns
tPHL, tPLH
Maximum Propagation Delay, Preset or Reset to
Q (Figure 1)
5.0
10
15
420
210
160
420
210
160
840
420
320
ns
tPHL, tPLH
Maximum Propagation Delay, Clock to Carry
Out (Figure 1)
5.0
10
15
480
240
180
480
240
180
960
480
360
ns
tPHL, tPLH
Maximum Propagation Delay, Carry In to Carry
Out (Figure 1)
5.0
10
15
250
120
100
250
120
100
500
240
200
ns
tPHL, tPLH
Maximum Propagation Delay, Preset or Reset to
Carry Out (Figure 1)
5.0
10
15
640
320
250
640
320
250
1280
640
500
ns
tTHL, tTLH
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
TIMING REQUIREMENTS(C
L=50pF, RL=200 kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C25°C
≤125°C
Unit
tsu
Minimum Setup Time, P to Preset Enable
(Figure 1)
5.0
10
15
25
10
10
25
10
10
50
20
20
ns
tsu
Minimum Setup Time, Up/Down to Clock
(Figure 1)
5.0
10
15
ns
tsu
Minimum Setup Time, Carry In to Clock
(Figure 1)
5.0
10
15
ns
th
Minimum Hold Time, Clock to Carry In (Figure
1)
5.0
10
15
60
30
30
60
30
30
120
60
60
ns
th
Minimum Hold Time, Clock to Up/Down
(Figure 1)
5.0
10
15
30
30
30
30
30
30
60
60
60
ns
th
Minimum Hold Time, Preset enable to P (Figure
1)
5.0
10
15
70
40
40
70
40
40
140
80
80
ns


Similar Part No. - IW4516BD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4516BD IKSEMICON-IW4516BD Datasheet
313Kb / 7P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
More results

Similar Description - IW4516BD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4516B IKSEMICON-IW4516B Datasheet
313Kb / 7P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4029 INTEGRAL-IW4029 Datasheet
371Kb / 8P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4029B IKSEMICON-IW4029B Datasheet
352Kb / 9P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4029B KODENSHI-KK4029B Datasheet
506Kb / 9P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
KK4516B KODENSHI-KK4516B Datasheet
435Kb / 7P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
KK74ACT192 KODENSHI-KK74ACT192 Datasheet
508Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74HC192A KODENSHI-KK74HC192A Datasheet
360Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Performance Silicon-Gate CMOS
KK74AC192 KODENSHI-KK74AC192 Datasheet
521Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC192A IKSEMICON-IN74HC192A Datasheet
244Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Performance Silicon-Gate CMOS
logo
Renesas Technology Corp
CD4029BMS RENESAS-CD4029BMS Datasheet
436Kb / 11P
   CMOS Presettable Up/Down Counter
December 1992
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com