Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3886GROUP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # 3886GROUP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

3886GROUP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button 3886GROUP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor 3886GROUP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor 3886GROUP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor 3886GROUP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor 3886GROUP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor 3886GROUP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor 3886GROUP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor 3886GROUP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor 3886GROUP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
7
3886 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
PART NUMBERING
Fig. 5 Part numbering
M3886
7
M
8 A-
XXX
HP
Product name
Package type
HP : 80P6Q-A
GP : 80P6S-A
FS : 80D0
ROM number
Omitted in the one time PROM version shipped in blank,
the EPROM version and the flash memory version.
ROM/PROM size
1
2
3
4
5
6
7
8
: 4096 bytes
: 8192 bytes
: 12288 bytes
: 16384 bytes
: 20480 bytes
: 24576 bytes
: 28672 bytes
: 32768 bytes
The first 128 bytes and the last 2 bytes of ROM are reserved
areas ; they cannot be used.
However, they can be programmed or erased in the EPROM
version and the flash memory version, so that the users can
use them.
Memory type
M
E
F
: Mask ROM version
: EPROM or One Time PROM version
: Flash memory version
RAM size
0
1
2
3
4
: 192 bytes
: 256 bytes
: 384 bytes
: 512 bytes
: 640 bytes
A– : High-speed version
– is omitted in the One Time PROM version shipped in blank,
the EPROM version and the flash memory version.
9: 36864 bytes
: 40960 bytes
: 45056 bytes
: 49152 bytes
: 53248 bytes
: 57344 bytes
: 61440 bytes
A
B
C
D
E
F
5
6
7
8
9
: 768 bytes
: 896 bytes
: 1024 bytes
: 1536 bytes
: 2048 bytes


Similar Part No. - 3886GROUP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3886 RENESAS-3886 Datasheet
1Mb / 111P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3886 RENESAS-3886 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Toshiba Semiconductor
3886A TOSHIBA-3886A Datasheet
62Kb / 1P
   TRANSISTOR SILICON NPN / 1400V / 8A / 50W
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
3886 RENESAS-3886_10 Datasheet
68Kb / 3P
   Difference among various products
More results

Similar Description - 3886GROUP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com