Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4C89093AF-GCF6 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K4C89093AF-GCF6
Description  288Mb x18 Network-DRAM2 Specification
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4C89093AF-GCF6 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K4C89093AF-GCF6 Datasheet HTML 4Page - Samsung semiconductor K4C89093AF-GCF6 Datasheet HTML 5Page - Samsung semiconductor K4C89093AF-GCF6 Datasheet HTML 6Page - Samsung semiconductor K4C89093AF-GCF6 Datasheet HTML 7Page - Samsung semiconductor K4C89093AF-GCF6 Datasheet HTML 8Page - Samsung semiconductor K4C89093AF-GCF6 Datasheet HTML 9Page - Samsung semiconductor K4C89093AF-GCF6 Datasheet HTML 10Page - Samsung semiconductor K4C89093AF-GCF6 Datasheet HTML 11Page - Samsung semiconductor K4C89093AF-GCF6 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
K4C89183AF
- 8 -
REV. 0.7 Jan. 2005
1. All voltages are referenced to Vss, VssQ.
2. VREF is expected to track variations in VddQ DC level of the transmitting device.
Peak to peak AC noise on VREF may not exceed ± 2% of VREF (DC).
3. Overshoot Iimit : VIH(max.) = VddQ + 0.7V with a pulse width <= 5ns
4. Undershoot Iimit : VIL(min.) = -0.7V with a pulse width <= 5ns
5. VIH(DC) and VIL(DC) are levels to maintain the current logic state.
6. VIH(AC) and VIL(AC) are levels to change to the new logic state.
7. VID is magnitude of the difference between CLK input level and CLK input level.
8. The value of Vx(AC) is expected to equal VddQ/2 of the transmitting device.
9. VISO means [VICK(CLK) + VICK(CLK)]/2
10. Refer to the figure below.
Notes
:
11. In the case of external termination, VTT(Termination Voltage) should be gone in the range of VREF(DC) ± 0.04V.
Pin Capacitance (V
DD= 2.5V, VDDQ = 1.8V, f = 1 MHz, Ta = 25
oC)
Note : These parameters are periodically sampled and not 100% tested.
Symbol
Parameter
Min
Max
Delts
Units
CIN
Input Pin Capacitance
1.5
3.0
0.25
pF
CINC
Clock Pin (CLK, CLK) Capacitance
1.5
3.0
0.25
pF
CI/O
DQ, DS, QS Capacitance
2.5
3.5
0.5
pF
CNC
NC Pin Capacitance
-
1.5
-
pF
CLK
CLK
VSS
VID(AC)
0 V Differential
VISO
VSS
VICK
VISO(min)
VX
VX
VX
VX
VICK
VICK
VICK
VISO(max)
VX
VID(AC)


Similar Part No. - K4C89093AF-GCF6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4C89323AF-GCF5 SAMSUNG-K4C89323AF-GCF5 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-GCF6 SAMSUNG-K4C89323AF-GCF6 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-GCFB SAMSUNG-K4C89323AF-GCFB Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-TCF5 SAMSUNG-K4C89323AF-TCF5 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-TCF6 SAMSUNG-K4C89323AF-TCF6 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
More results

Similar Description - K4C89093AF-GCF6

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS49NLS93200 ISSI-IS49NLS93200 Datasheet
596Kb / 34P
   288Mb (x9, x18) Separate I/O RLDRAM 2 Memory
IS49NLC93200 ISSI-IS49NLC93200 Datasheet
622Kb / 34P
   288Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
logo
Micron Technology
MT49H32M9 MICRON-MT49H32M9 Datasheet
2Mb / 76P
   288Mb: x9, x18, x36 2.5V VEXT, 1.8V VDD, HSTL, CIO, RLDRAM II
logo
GSI Technology
GS82582D38GE-400 GSI-GS82582D38GE-400 Datasheet
453Kb / 27P
   288Mb SigmaQuad-II 288Mb SigmaQuad-II
logo
Micron Technology
MT44K32M18 MICRON-MT44K32M18 Datasheet
6Mb / 111P
   576Mb: x18, x36 RLDRAM 3
MT49H8M36 MICRON-MT49H8M36 Datasheet
1Mb / 49P
   288Mb CIO Reduced Latency
logo
Seiko Instruments Inc
S-7600A SII-S-7600A Datasheet
371Kb / 60P
   Hardware Specification (TCP/IP Network Stack LSI)
logo
Integrated Device Techn...
IDT70P3307 IDT-IDT70P3307 Datasheet
882Kb / 20P
   1024K/512K x18 SYNCHRONOUS DUAL QDR-II
logo
Cypress Semiconductor
CY7C1352 CYPRESS-CY7C1352 Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
logo
Bourns Electronic Solut...
2CTF BOURNS-2CTF Datasheet
126Kb / 3P
   Thin Film on Silicon 2CTF AC Terminator x18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com