Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9T1G08U0M Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K9T1G08U0M
Description  128M x 8 Bits NAND Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9T1G08U0M Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K9T1G08U0M Datasheet HTML 7Page - Samsung semiconductor K9T1G08U0M Datasheet HTML 8Page - Samsung semiconductor K9T1G08U0M Datasheet HTML 9Page - Samsung semiconductor K9T1G08U0M Datasheet HTML 10Page - Samsung semiconductor K9T1G08U0M Datasheet HTML 11Page - Samsung semiconductor K9T1G08U0M Datasheet HTML 12Page - Samsung semiconductor K9T1G08U0M Datasheet HTML 13Page - Samsung semiconductor K9T1G08U0M Datasheet HTML 14Page - Samsung semiconductor K9T1G08U0M Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
FLASH MEMORY
11
K9T1G08U0M
Preliminary
AC Characteristics for Operation
NOTE :
1. If reset command(FFh) is written at Ready state, the device goes into Busy for maximum 5us.
2. To break the sequential read cycle, CE must be held high for longer time than tCEH.
3. The time to Ready depends on the value of the pull-up resistor tied R/B pin.
Parameter
Symbol
Min
Max
Unit
Data Transfer from Cell to Register
tR
-15
µs
ALE to RE Delay
tAR
10
-
ns
CLE to RE Delay
tCLR
10
-
ns
Ready to RE Low
tRR
20
-
ns
RE Pulse Width
tRP
25
-
ns
WE High to Busy
tWB
-
100
ns
Read Cycle Time
tRC
50
-
ns
CE Access Time
tCEA
-45
ns
RE Access Time
tREA
-30
ns
RE High to Output Hi-Z
tRHZ
-30
ns
CE High to Output Hi-Z
tCHZ
-20
ns
RE or CE High to Output hold
tOH
15
-
ns
RE High Hold Time
tREH
15
-
ns
Output Hi-Z to RE Low
tIR
0-
ns
WE High to RE Low
tWHR
60
-
ns
Device Resetting Time(Read/Program/Erase)
tRST
-
5/10/500(1)
µs
Last RE High to Busy(at sequential read)
tRB
-
100
ns
CE High to Ready(in case of interception by CE at read)
tCRY
-
50 + tr(R/B)(3)
ns
CE High Hold Time(at the last serial read)(2)
tCEH
100
-
ns
AC Timing Characteristics for Command / Address / Data Input
NOTE :
1. If tCS is set less than 10ns, tWP must be minimum 35ns, otherwise, tWP may be minimum 25ns.
Parameter
Symbol
Min
Max
Unit
CLE Set-up Time
tCLS
0-
ns
CLE Hold Time
tCLH
5-
ns
CE Setup Time
tCS
0.-
ns
CE Hold Time
tCH
5-
ns
WE Pulse Width
tWP
25 (1)
-ns
ALE Setup Time
tALS
0-
ns
ALE Hold Time
tALH
5-
ns
Data Setup Time
tDS
20
-
ns
Data Hold Time
tDH
5-
ns
Write Cycle Time
tWC
45
-
ns
WE High Hold Time
tWH
15
-
ns


Similar Description - K9T1G08U0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9K1G08U0M-YCB0 SAMSUNG-K9K1G08U0M-YCB0 Datasheet
467Kb / 37P
   128M x 8 Bit NAND Flash Memory
K9E2G08U0M SAMSUNG-K9E2G08U0M Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08B0M SAMSUNG-K9E2G08B0M Datasheet
896Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9F1208X0C SAMSUNG-K9F1208X0C Datasheet
824Kb / 38P
   64M x 8 Bits NAND Flash Memory
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
logo
Elite Semiconductor Mem...
F59L1G81MB ESMT-F59L1G81MB Datasheet
1Mb / 51P
   1 Gbit (128M x 8) 3.3V NAND Flash Memory
F59L1G81LB ESMT-F59L1G81LB Datasheet
1Mb / 49P
   1 Gbit (128M x 8) 3.3V NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com