Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-112MC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ADS-112MC
Description  12-Bit, 1MHz, Low-Power Sampling A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-112MC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ADS-112MC Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-112MC Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-112MC Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-112MC Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-112MC Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-112MC Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
®
®
ADS-112
4
CALIBRATION PROCEDURE
1. Connect the converter per Figures 3 and 4 and Tables 1 and
3 for the appropriate input range. Apply a pulse of 150
nanoseconds to the START CONVERT input (pin 16) at a
rate of 250kHz. This rate is chosen to reduce the flicker if
LED’s are used on the outputs for calibration purposes.
2. Zero Adjustments
Apply a precision voltage reference source between the
amplifier’s analog input and ground. Adjust the output of the
reference source per Table 2. For unipolar, adjust the zero
trimming potentiometer so that the output code flickers
equally between 0000 0000 0000 and 0000 0000 0001 with
COMP BIN (pin 18) tied high (straight binary) or between
1111 1111 1111 and 1111 1111 1110 with pin 18 tied low
(complementary binary).
For bipolar operation, adjust the potentiometer such that the
code flickers equally between 1000 0000 0000 and 1000
0000 0001 with pin 18 tied high (offset binary) or between
0111 1111 1111 and 0111 1111 1110 with pin 18 tied low
(complementary offset binary).
3. Full-Scale Adjustment
Set the output of the voltage reference used in step 2 to the
value shown in Table 2. Adjust the gain trimming potentiom-
eter so that the output code flickers equally between 1111
1111 1110 and 1111 1111 1111 for pin 18 tied high or between
0000 0000 0001 and 0000 0000 0000 for pin 18 tied low.
To confirm proper operation of the device, vary the precision
reference voltage source to obtain the output coding listed
in Table 4.
Figure 3. Typical ADS-112 Connection Diagram
Table 1. Input Range Selection
INPUT RANGE
INPUT PIN
TIE TOGETHER
±5v
Pin 19
Pin 20 to Pin 21
0 to +10V
Pin 19
Pin 20 to Ground
Table 3. Input Range (using external calibration)
INPUT RANGE
R1
R2
UNIT
0 to 10V, ±5
2
2
k
0 to 5V, ±2.5V
2
6
k
0 to +2.5V, ±1.25V
2
14
k
To Pin19
of ADS-112
–15V
+15V
For values of R1 and R2 refer to Table 3.
R2
R1
5k
50
10k
ZERO/
OFFSET
ADJUST
SIGNAL
INPUT
GAIN
ADJUST
5k
Œ
Œ
Œ
Figure 4. Optional Calibration Circuit
Table 2. Zero and Gain Adjust
Input
Zero Adjust
Gain Adjust
Range
+1/2 LSB
+FS – 1 1/2 LSB
0 to +10V
+1.22mV
+9.9963V
±5V
+1.22mV
+4.9963V
0.1µF
4.7µF
13
14
ADS-112
19
16
12
11
10
9
8
7
6
5
4
3
2
1
15
17
BIT 1 (MSB)
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12 (LSB)
EOC
ENABLE (1-12)
ANALOG INPUT
START CONVERT
+
+5V
–15V
+15V
+
+
0.1µF
4.7µF
23
22
0.1µF
4.7µF
24
20
COMP BIN
0.1µF
+
4.7µF
21 +10V REF.
UNIPOLAR
OPERATION
BIPOLAR
OPERATION
20
21
18
+5V
Note: Always bypass pin 21 to ground


Similar Part No. - ADS-112MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-112MC MURATA-PS-ADS-112MC Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-112MC DATEL-ADS-112MC Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-112MC-C DATEL-ADS-112MC-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-112MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-917 MURATA-PS-ADS-917 Datasheet
191Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-927 MURATA-PS-ADS-927 Datasheet
152Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-937 MURATA-PS-ADS-937 Datasheet
740Kb / 8P
   16-Bit, 1MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com