Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C21GC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT83C21GC
Description  GemCore Serial Lite PRO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C21GC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT83C21GC Datasheet HTML 1Page - ATMEL Corporation AT83C21GC Datasheet HTML 2Page - ATMEL Corporation AT83C21GC Datasheet HTML 3Page - ATMEL Corporation AT83C21GC Datasheet HTML 4Page - ATMEL Corporation AT83C21GC Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
AT83C21GC
4247AS–SCR–04/03
Pin Description
Figure 2. 24-pin SSOP Pinout
P1.1/CC8
P1.4/CCLK
P1.0/CIO
RST
P1.5/CRST
1
P1.3/CC4
P1.2/CPRES
XTAL1
P3.3/INT1/OE
P3.2/INT0
P3.4/T0
P3.5/CIO1/T1
LI
C
V
CC
CVSS
VCC
E
V
CC
VSS
P3.0/RxD
P3.1/TxD
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
P3.6/CCLK1/LED0
XTAL2
P3.7/CRST1/LED1
D
VCC
SSOP24
Table 1. Port Signal Description
Port
Signal
Name
Internal
Power
Supply
ESD
Type
Description
P1.0
CIO
CVCC
4 kV
I/O
Smart Card Interface Function
Card I/O – Pull-up medium is lower than 20K
P1.1
CC8
CVCC
4 kV
I/O
Smart Card Interface Function
Card contact 8 – Pull-up medium must be less than 20K
P1.2
CPRES
VCC
4 kV
I
Smart Card Interface Function
Card presence
P1.3
CC4
CVCC
4 kV
I/O
Smart Card Interface Function
Card contact 4 – Pull-up medium must be less than 20K
P1.4
CCLK
CVCC
4 kV
O
Smart Card Interface Function
Card clock
P1.5
CRST
CVCC
4 kV
O
Smart Card Interface Function
Card reset – Pull-up medium must be less than 20K
P3.0
RxD
EVCC
I
UART Function
Receive data input
P3.1
TxD
EVCC
O
UART Function
Transmit data output.
P3.2
INT0
DVCC
I/O
Input/Output Function
P3.2 is a bi-directional I/O port with internal pull-ups.
P3.3
INT1
EVCC
I/O
Input/Output Function
P3.3 is a bi-directional I/O port with internal pull-ups.
P3.4
EVCC
I/O
Input/Output Function
P3.4 is a bi-directional I/O port with internal pull-ups.
P3.5
CIO1
DVCC
I/O
Alternate Card Function
Card I/O: Pull-up medium must be less than 20K


Similar Part No. - AT83C21GC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C21GC ATMEL-AT83C21GC Datasheet
58Kb / 6P
   GemCore Serial Lite PRO
AT83C21GC ATMEL-AT83C21GC Datasheet
77Kb / 7P
   GemCore Serial Lite PRO
AT83C21GCXXX-ICRIL ATMEL-AT83C21GCXXX-ICRIL Datasheet
58Kb / 6P
   GemCore Serial Lite PRO
AT83C21GCXXX-ICRIL ATMEL-AT83C21GCXXX-ICRIL Datasheet
77Kb / 7P
   GemCore Serial Lite PRO
AT83C21GCXXX-ICRUL ATMEL-AT83C21GCXXX-ICRUL Datasheet
58Kb / 6P
   GemCore Serial Lite PRO
More results

Similar Description - AT83C21GC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C21GC ATMEL-AT83C21GC_07 Datasheet
77Kb / 7P
   GemCore Serial Lite PRO
AT83C21GC ATMEL-AT83C21GC_05 Datasheet
58Kb / 6P
   GemCore Serial Lite PRO
logo
Gennum Corporation
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
logo
Prosoft-Technology
MVI69L-MBS PROSOFT-MVI69L-MBS Datasheet
640Kb / 3P
   Modbus Serial Lite Communication Module
logo
List of Unclassifed Man...
F2L088-01 ETC2-F2L088-01 Datasheet
576Kb / 2P
   Pro Series AT Serial Modem Cable/Adapter
logo
Tripp Lite. All Rights ...
PRPRO3 TRIPPLITE-PRPRO3 Datasheet
482Kb / 2P
   Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 100-ft. Range
PR-PRO3 TRIPPLITE-PR-PRO3 Datasheet
479Kb / 2P
   Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 100-ft. Range
PRPRO4 TRIPPLITE-PRPRO4 Datasheet
500Kb / 2P
   Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 65-ft. Range
logo
PHOENIX CONTACT
2988890 PHOENIX-2988890 Datasheet
87Kb / 3P
   WEBVISIT PRO
logo
List of Unclassifed Man...
STM32 ETC2-STM32 Datasheet
646Kb / 2P
   EasyMx PRO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com