Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4C89163AF-GIF5 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4C89163AF-GIF5
Description  288Mb x18 Network-DRAM2 Specification
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4C89163AF-GIF5 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4C89163AF-GIF5 Datasheet HTML 5Page - Samsung semiconductor K4C89163AF-GIF5 Datasheet HTML 6Page - Samsung semiconductor K4C89163AF-GIF5 Datasheet HTML 7Page - Samsung semiconductor K4C89163AF-GIF5 Datasheet HTML 8Page - Samsung semiconductor K4C89163AF-GIF5 Datasheet HTML 9Page - Samsung semiconductor K4C89163AF-GIF5 Datasheet HTML 10Page - Samsung semiconductor K4C89163AF-GIF5 Datasheet HTML 11Page - Samsung semiconductor K4C89163AF-GIF5 Datasheet HTML 12Page - Samsung semiconductor K4C89163AF-GIF5 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
K4C89183AF
- 9 -
REV. 0.7 Jan. 2005
DC Characteristics and Operating Conditions (VDD = 2.5V ± 0.125V, VDDQ = 1.8V ± 0.1V, Tcase = 0~85 °C)
Parameter
Symbol
Max
Units
Notes
F6
FB
F5
Operating Current
One bank Read or Write operation;
tCK = min, IRC = min, IOUT = 0mA;
Burst Length = 4, CAS Latency = 6, Free running QS mode;
0V
≤ V
IN ≤ VIL(AC) (max.), VIH(AC)(min.) ≤ VIN ≤ VDDQ;
Address inputs change up to 2 times during minimum IRC,
Read data change twice per clock cycle
IDD1S
320
300
280
mA
1, 2
Standby Current
All Banks : inactive state;
tCK=min, CS = VIH, PD = VIH;
0V
≤ V
IN ≤ VIL(AC)(max.), VIH(AC)(min.) ≤ VIH ≤ VDDQ;
Other input signals change one time during 4*tCK,
DQ and DS inputs change twice per clock cycle
IDD2N
100
95
90
1
Standby (Power Down) Current
All Banks : inactive state;
tCK=min, PD = VIL (Power Down);
CAS Latency = 6, Free running QS mode;
0V
≤ V
IN ≤ VIL(AC)(max), VIH(AC)(min) ≤ VIN ≤ VDDQ;
Other input signals change one time during 4*tCK,
DQ and DS inputs are floating(VDDQ/2)
IDD2P
70
65
60
1
Write Operating Current(4 Banks)
4 Bank intereaved continuous burst write operation;
tCK = min, IRC = min;
Burst Length = 4, CAS Latency = 6, Free running QS mode;
0V
≤ V
IN ≤ VIL(AC) (max.), VIH(AC)(min.) ≤ VIN ≤ VDDQ;
Address inputs change once per clock cycle,
DQ and DS inputs change twice per clock cycle
IDD4W
650
600
550
1
Read Operating Current(4 Banks)
4 Bank intereaved continuous burst write operation;
tCK = min, IRC = min, IOUT = 0mA;
Burst Length = 4, CAS Latency = 6, Free running QS mode;
0V
≤ V
IN ≤ VIL(AC) (max.), VIH(AC)(min.) ≤ VIN ≤ VDDQ;
Address inputs change once per clock cycle,
Read data change twice per clock cycle
IDD4R
650
600
550
1,2
Burst Auto-Refresh Current
Refresh command at every IREFC interval;
tCK = min, IREFC= min;
CAS Latency = 6, Free running QS mode;
0V
≤ V
IN ≤ VIL(AC) (max.), VIH(AC) (min.) ≤ VIN ≤ VDDQ;
Address change up to 2 times during minimum IREFC,
DQ and DS inputs change twice per clock cycle
IDD5B
250
235
210
1,3


Similar Part No. - K4C89163AF-GIF5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4C89323AF-GCF5 SAMSUNG-K4C89323AF-GCF5 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-GCF6 SAMSUNG-K4C89323AF-GCF6 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-GCFB SAMSUNG-K4C89323AF-GCFB Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-TCF5 SAMSUNG-K4C89323AF-TCF5 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-TCF6 SAMSUNG-K4C89323AF-TCF6 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
More results

Similar Description - K4C89163AF-GIF5

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS49NLS93200 ISSI-IS49NLS93200 Datasheet
596Kb / 34P
   288Mb (x9, x18) Separate I/O RLDRAM 2 Memory
IS49NLC93200 ISSI-IS49NLC93200 Datasheet
622Kb / 34P
   288Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
logo
Micron Technology
MT49H32M9 MICRON-MT49H32M9 Datasheet
2Mb / 76P
   288Mb: x9, x18, x36 2.5V VEXT, 1.8V VDD, HSTL, CIO, RLDRAM II
logo
GSI Technology
GS82582D38GE-400 GSI-GS82582D38GE-400 Datasheet
453Kb / 27P
   288Mb SigmaQuad-II 288Mb SigmaQuad-II
logo
Micron Technology
MT44K32M18 MICRON-MT44K32M18 Datasheet
6Mb / 111P
   576Mb: x18, x36 RLDRAM 3
MT49H8M36 MICRON-MT49H8M36 Datasheet
1Mb / 49P
   288Mb CIO Reduced Latency
logo
Seiko Instruments Inc
S-7600A SII-S-7600A Datasheet
371Kb / 60P
   Hardware Specification (TCP/IP Network Stack LSI)
logo
Integrated Device Techn...
IDT70P3307 IDT-IDT70P3307 Datasheet
882Kb / 20P
   1024K/512K x18 SYNCHRONOUS DUAL QDR-II
logo
Cypress Semiconductor
CY7C1352 CYPRESS-CY7C1352 Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
logo
Bourns Electronic Solut...
2CTF BOURNS-2CTF Datasheet
126Kb / 3P
   Thin Film on Silicon 2CTF AC Terminator x18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com