Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5026MTCX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN5026MTCX
Description  Dual DDR/Dual-output PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5026MTCX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5026MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 12Page - Fairchild Semiconductor FAN5026MTCX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
www.fairchildsemi.com
FAN5026 Rev. 1.0.5
Circuit Description
Overview
The FAN5026 is a multi-mode, dual channel PWM con-
troller intended for graphic chipset, SDRAM, DDR DRAM
or other low output voltage power applications in PC’s,
VGA Cards and set top boxes. The IC integrates a con-
trol circuitry for two synchronous buck converters. The
output voltage of each controller can be set in the range
of 0.9V to 5.5V by an external resistor divider.
The two synchronous buck converters can operate from
either an unregulated DC source (such as a notebook
battery) with voltage ranging from 5.0V to 16V, or from a
regulated system rail of 3.3V to 5V. In either mode of
operation the IC is biased from a +5V source. The PWM
modulators use an average current mode control with
input voltage feed-forward for simplified feedback loop
compensation and improved line regulation. Both PWM
controllers have integrated feedback loop compen-
sation that dramatically reduces the number of external
components.
The FAN5026 can be configured to operate as a com-
plete DDR solution. When the DDR pin is set high, the
second channel can provide the capability to track the
output voltage of the first channel. The PWM2 converter
is prevented from going into hysteretic mode if the DDR
pin is set high. In DDR mode, a buffered reference volt-
age (buffered voltage of the REF2 pin), required by DDR
memory chips, is provided by the PG2 pin.
Converter Modes and Synchronization
Table 3. Converter Modes and Synchronization
When used as a dual converter (as in Figure 5), out-of-
phase operation with 180 degree phase shift reduces
input current ripple.
For the “2-step” conversion (where the VTT is converted
from VDDQ as in Figure 4) used in DDR mode, the duty
cycle of the second converter is nominally 50% and the
optimal phasing depends on VIN. The objective is to
keep noise generated from the switching transition in one
converter from influencing the “decision” to switch in the
other converter.
When VIN is from the battery, it’s typically higher than
7.5V. As shown in Figure 6, 180° operation is undesir-
able since the turn-on of the VDDQ converter occurs
very near the decision point of the VTT converter.
Figure 6. Noise-Susceptible 180° Phasing for
DDR1
In-phase operation is optimal to reduce inter-converter
interference when VIN is higher than 5V, (when VIN is
from a battery), as can be seen in Figure 7. Since the
duty cycle of PWM1 (generating VDDQ) is short, its
switching point occurs far away from the decision point
for the VTT regulator, whose duty cycle is nominally 50%.
Figure 7. Optimal In-Phase Operation for DDR1
When VIN
≈ 5V, 180° phase shifted operation can be
rejected for the same reasons demonstrated Figure 6.
In-phase operation with VIN
≈ 5V is even worse, since
the switch point of either converter occurs near the
switch point of the other converter as seen in Figure 8. In
this case, as VIN is a little higher than 5V it will tend to
cause early termination of the VTT pulse width. Con-
versely, VTT’s switch point can cause early termination
of the VDDQ pulse width when VIN is slightly lower than
5V.
Figure 8. Noise-Susceptible In-Phase Operation
for DDR2
These problems are nicely solved by delaying the 2nd
converter's clock by 90° as shown in Figure 9. In this
way, all switching transitions in one converter take place
far away from the decision points of the other converter.
Mode VIN
VIN Pin
DDR
Pin
PWM 2 w.r.t.
PWM1
DDR1
Battery
VIN
HIGH
IN PHASE
DDR2
+5V
R to GND
HIGH
+ 90°
DUAL
ANY
VIN
LOW
+ 180°
VDDQ
VTT
CLK
VDDQ
VTT
CLK
VDDQ
VTT
CLK


Similar Part No. - FAN5026MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5026MTCX FAIRCHILD-FAN5026MTCX Datasheet
758Kb / 17P
   Dual DDR / Dual-Output PWM Controller
More results

Similar Description - FAN5026MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5026 FAIRCHILD-FAN5026_11 Datasheet
758Kb / 17P
   Dual DDR / Dual-Output PWM Controller
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201 ONSEMI-NCP5201_06 Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com