Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90871 Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # MT90871
Description  Flexible 8K Digital Switch (F8KDX)
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT90871 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  MT90871 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT90871 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT90871 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT90871 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT90871 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT90871 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT90871 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT90871 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT90871 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
Data Sheet
MT90871
5
Zarlink Semiconductor Inc.
FP8i
M10
Frame Pulse Input (5V Tolerant). This pin accepts the Frame Pulse
signal. The pulse width may be active for 122ns or 244ns at the frame
boundary and the Frame Pulse Width bit (FPW) of the Control Register
must be set Low (default) for a 122ns and set High for a the 244ns pulse
condition.
The device will automatically detect whether an ST-BUS or GCI-BUS style
frame pulse is applied.
C8i
P10
Master Clock Input (5V Tolerant). This pin accepts a 8.192MHz clock.
The internal Frame Boundary is aligned with the clock falling or rising
edge, as controlled by the C8IPOL bit of the Control Register.
CS
A10
Chip Select (5V Tolerant). Active low input used by the microprocessor to
enable the microprocessor port access. This input is internally set LOW
during a device RESET.
DS
C8
Data Strobe (5V Tolerant). This active low input is used in conjunction
with CS to enable the microprocessor port read and write operations.
R/W
A9
Read/Write (5V Tolerant). This input controls the direction of the data bus
lines (D0-D15) during a microprocessor access.
A0 - A14
B1, B4, B5, D5, A3,
A4, C6, B6, A5, A6,
C7, B7, A7, A8, B8
Address 0 - 14 (5V Tolerant). These pins form the 15-bit address bus to
the internal memories and registers. (Address A0 = LSB).
D0 - D15
N7, P7, P6, N6, P5,
M6, P4, N5, P3, P2,
N3, N4, M5, N2,
M4, M3
Data Bus 0 - 15 (5V Tolerant). These pins form the 16-bit data bus of the
microprocessor port. (Data D0 = LSB).
DTA
D9
Data Transfer Acknowledgment (5V Tolerant). This active low output
indicates that a data bus transfer is complete. A pull-up resistor is required
to hold a HIGH level. (Max. IOL = 10mA).
TMS
A11
Test Mode Select (5V Tolerant with internal pull-up). JTAG signal that
controls the state transitions of the TAP controller.
TCK
B11
Test Clock (5V Tolerant). Provides the clock to the JTAG test logic.
TDi
B10
Test Serial Data In (5V Tolerant with internal pull-up). JTAG serial test
instructions and data are shifted in on this pin.
TDo
A12
Test Serial Data Out (5V Tolerant Three-state Output). JTAG serial data is
output on this pin on the falling edge of TCK. This pin is held in high
impedance state when JTAG is not enabled.
TRST
A14
Test Reset (5V Tolerant with internal pull-up) Asynchronously initializes
the JTAG TAP controller to the Test-Logic-Reset state. To be pulsed low
during power-up for JTAG testing. This pin must be held LOW for normal
functional operation of the device.
RESET
C9
Device Reset (5V Tolerant with internal pull-up). This input (active
LOW) asynchronously applies reset and synchronously releases reset to
the device. In the reset state, the outputs LSTo0 - 15 and BSTo0 - 15 are
set to a high or high impedance depending on the state of the LORS and
BORS external control pins, respectively. It clears the device registers and
internal counters. This pin must stay low for more than 2 cycles of input
clock C8i for the reset to be invoked.
Pin Description Table (continued)
Name
Package
Coordinates
Description


Similar Part No. - MT90871

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90870 ZARLINK-MT90870 Datasheet
2Mb / 86P
   Flexible 12 k Digital Switch (F12kDX)
MT90870AG ZARLINK-MT90870AG Datasheet
2Mb / 86P
   Flexible 12 k Digital Switch (F12kDX)
MT90870AG2 ZARLINK-MT90870AG2 Datasheet
2Mb / 86P
   Flexible 12 k Digital Switch (F12kDX)
More results

Similar Description - MT90871

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50012 ZARLINK-ZL50012 Datasheet
1Mb / 65P
   Flexible 512-ch Digital Switch
MT90869 ZARLINK-MT90869 Datasheet
1Mb / 76P
   Flexible 16K Digital Switch (F16kDX)
ZL50012 ZARLINK-ZL50012_06 Datasheet
562Kb / 66P
   Flexible 512-ch Digital Switch
MT90870 ZARLINK-MT90870 Datasheet
2Mb / 86P
   Flexible 12 k Digital Switch (F12kDX)
logo
IOGEAR
GDP14SW2 IOGEAR-GDP14SW2 Datasheet
150Kb / 2P
   2-Port 8K DisplayPort 1.4 Switch
logo
PLX Technology
PEX8516 PLX-PEX8516 Datasheet
2Mb / 5P
   Flexible & Versatile PCI Express Switch
PEX8533 PLX-PEX8533 Datasheet
369Kb / 4P
   Flexible & Versatile PCI Express??Switch
PEX8505 PLX-PEX8505 Datasheet
479Kb / 4P
   Flexible & Versatile PCI Express짰 Switch
PEX8509 PLX-PEX8509 Datasheet
604Kb / 4P
   Flexible & Versatile PCI Express짰 Switch
PEX8524 PLX-PEX8524 Datasheet
859Kb / 4P
   Flexible & Versatile PCI Express Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com