Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2435-1IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2435-1IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435-1IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2435-1IGN Datasheet HTML 2Page - Linear Technology LTC2435-1IGN Datasheet HTML 3Page - Linear Technology LTC2435-1IGN Datasheet HTML 4Page - Linear Technology LTC2435-1IGN Datasheet HTML 5Page - Linear Technology LTC2435-1IGN Datasheet HTML 6Page - Linear Technology LTC2435-1IGN Datasheet HTML 7Page - Linear Technology LTC2435-1IGN Datasheet HTML 8Page - Linear Technology LTC2435-1IGN Datasheet HTML 9Page - Linear Technology LTC2435-1IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LTC2435/LTC2435-1
6
24351fa
Total Unadjusted Error (VCC = 5V,
VREF = 5V)
Total Unadjusted Error (VCC = 5V,
VREF = 2.5V)
Total Unadjusted Error (VCC = 2.7V,
VREF = 2.5V)
Integral Nonlinearity (VCC = 5V,
VREF = 5V)
Integral Nonlinearity (VCC = 5V,
VREF = 2.5V)
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE (V)
–2.5
–340
–345
–350
–355
–360
1.5
2435 G01
–1.5
–0.5
0.5
2.5
FO = GND
VCC = 5V
VREF = 5V
VINCM = VINCM = 2.5V
TA = –45°C
TA = 25°C
TA = 85°C
INPUT VOLTAGE (V)
–1.25
–680
–685
–690
–695
–700
–705
–710
–0.75
–0.25
0.25
0.75
2435 G02
1.25
FO = GND
VCC = 5V
VREF = 2.5V
VINCM = VINCM = 1.25V
TA = –45°C
TA = 25°C
TA = 85°C
–320
–330
–340
–350
–360
FO = GND
VCC = 2.7V
VREF = 2.5V
VINCM = VINCM = 1.25V
INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
0.25
0.75
2435 G03
1.25
TA = –45°C
TA = 25°C
TA = 85°C
10
8
6
4
2
0
–2
–4
–6
–8
–10
INPUT VOLTAGE (V)
–2.5
–1.5
–0.5
0.5
1.5
2435 G04
2.5
FO = GND
VCC = 5V
VREF = 5V
VINCM = VINCM = 2.5V
TA = –45°C
TA = 25°C
TA = 85°C
3
2
1
0
–1
–2
–3
FO = GND
VCC = 5V
VREF = 2.5V
VINCM = VINCM = 1.25V
TA = –45°C
TA = 25°C
TA = 85°C
INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
0.25
0.75
2435 G05
1.25
10
8
6
4
2
0
–2
–4
–6
–8
–10
FO = GND
VCC = 2.7V
VREF = 2.5V
VINCM = VINCM = 1.25V
INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
0.25
0.75
2435 G06
1.25
TA = –45°C
TA = 25°C
TA = 85°C
GAUSSIAN
DISTRIBUTION
m = –365ppm
σ = 1.55ppm
10,000 CONSECUTIVE READINGS
VCC = 2.7V
VREF = 2.5V
VIN = 0V
VINCM = 2.5V
FO = GND
TA = 25°C
OUTPUT CODE (ppm OF VREF)
–372 –370 –368 –366 –364 –362 –360 –358
14
12
10
8
6
4
2
0
2435 G08
Integral Nonlinearity (VCC = 2.7V,
VREF = 2.5V)
OUTPUT CODE(ppm OF VREF)
–330
–328
–326 –325
–321
2435 G07
–329
–327
–324 –323 –322
30
25
20
15
10
5
0
GAUSSIAN
DISTRIBUTION
m = –325.4ppm
σ = 0.79ppm
10,000 CONSECUTIVE READINGS
VCC = 5V
VREF = 5V
VIN = 0V
VINCM = 2.5V
FO = GND
TA = 25°C
Noise Histogram (Output Rate =
15Hz, VCC = 5V, VREF = 5V)
Noise Histogram (Output Rate =
15Hz, VCC = 2.7V, VREF = 2.5V)


Similar Part No. - LTC2435-1IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2435-1 LINER-LTC2435-1_15 Datasheet
645Kb / 42P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results

Similar Description - LTC2435-1IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435_15 Datasheet
645Kb / 42P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435-1 LINER-LTC2435-1_15 Datasheet
645Kb / 42P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430 Datasheet
460Kb / 40P
   20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415 Datasheet
591Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415-1 LINER-LTC2415-1_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com