Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3405AES6-1.5 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3405AES6-1.5
Description  1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3405AES6-1.5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3405AES6-1.5 Datasheet HTML 6Page - Linear Technology LTC3405AES6-1.5 Datasheet HTML 7Page - Linear Technology LTC3405AES6-1.5 Datasheet HTML 8Page - Linear Technology LTC3405AES6-1.5 Datasheet HTML 9Page - Linear Technology LTC3405AES6-1.5 Datasheet HTML 10Page - Linear Technology LTC3405AES6-1.5 Datasheet HTML 11Page - Linear Technology LTC3405AES6-1.5 Datasheet HTML 12Page - Linear Technology LTC3405AES6-1.5 Datasheet HTML 13Page - Linear Technology LTC3405AES6-1.5 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC3405A-1.5/LTC3405A-1.8
sn3405a1518 3405a1518fs
APPLICATIO S I FOR ATIO
2. I2R losses are calculated from the resistances of the
internal switches, RSW, and external inductor RL. In
continuous mode, the average output current flowing
through inductor L is “chopped” between the main
switch and the synchronous switch. Thus, the series
resistance looking into the SW pin is a function of both
top and bottom MOSFET RDS(ON) and the duty cycle
(DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Charateristics
curves. Thus, to obtain I2R losses, simply add RSW to
RL and multiply the result by the square of the average
output current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for less
than 2% total additional loss.
Thermal Considerations
In most applications, the LTC3405A series parts do not
dissipate much heat due to their high efficiency. But, in
applications where they run at high ambient temperature
with low supply voltage, the heat dissipated may exceed
the maximum junction temperature of the part. If the
junction temperature reaches approximately 150
°C,both
power switches will be turned off and the SW node will
become high impedance.
To keep the LTC3405A series parts from exceeding the
maximum junction temperature, the user will need to do
some thermal analysis. The goal of the thermal analysis is
to determine whether the power dissipated exceeds the
maximum junction temperature of the part. The tempera-
ture rise is given by:
TR = (PD)(θJA)
where PD is the power dissipated by the regulator and θJA
is the thermal resistance from the junction of the die to the
ambient temperature.
The junction temperature, TJ, is given by:
TJ = TA + TR
where TA is the ambient temperature.
As an example, consider the LTC3405A-1.8 with an input
voltage of 2.7V, a load current of 300mA and an ambient
temperature of 70
°C. From the typical performance graph
of switch resistance, the RDS(ON) of the P-channel switch
at 70
°C is approximately 0.94Ω and the RDS(ON) of the
N-channel synchronous switch is approximately 0.75
Ω.
The series resistance looking into the SW pin is:
RSW = 0.95Ω (0.67) + 0.75Ω (0.33) = 0.88Ω
Therefore, power dissipated by the part is:
PD = ILOAD2 • RSW = 79.2mW
For the SOT-23 package, the
θJA is 250°C/W. Thus, the
junction temperature of the regulator is:
TJ = 70°C + (0.0792)(250) = 89.8°C
which is well below the maximum junction temperature of
125
°C.
Note that at higher supply voltages, the junction tempera-
ture is lower due to reduced switch resistance (RDS(ON)).
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to (
∆ILOAD • ESR), where ESR is the effective series
resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT, which generates a feedback error signal.
The regulator loop then acts to return VOUT to its steady-
state value. During this recovery time VOUT can be moni-
tored for overshoot or ringing that would indicate a stability
problem. For a detailed explanation of switching control
loop theory, see Application Note 76.


Similar Part No. - LTC3405AES6-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405AES6-1.375 LINER-LTC3405AES6-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
More results

Similar Description - LTC3405AES6-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405A-1.5 LINER-LTC3405A-1.5_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.8 LINER-LTC3405A-1.8_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375_15 Datasheet
266Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405 LINER-LTC3405 Datasheet
239Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A Datasheet
214Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405 LINER-LTC3405_15 Datasheet
244Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A_15 Datasheet
219Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com