Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6915CGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6915CGN
Description  Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6915CGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6915CGN Datasheet HTML 7Page - Linear Technology LTC6915CGN Datasheet HTML 8Page - Linear Technology LTC6915CGN Datasheet HTML 9Page - Linear Technology LTC6915CGN Datasheet HTML 10Page - Linear Technology LTC6915CGN Datasheet HTML 11Page - Linear Technology LTC6915CGN Datasheet HTML 12Page - Linear Technology LTC6915CGN Datasheet HTML 13Page - Linear Technology LTC6915CGN Datasheet HTML 14Page - Linear Technology LTC6915CGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC6915
11
6915f
TI I G DIAGRA
D3
D3
D2
D1
D0
D7 • • • • D4
D3
D3
D4
D2
D1
D0
D7 • • • • D4
t6
t9
t7
t3
t5
t4
t1
t8
t2
PREVIOUS BYTE
CURRENT BYTE
CLK
DIN
CS/LD
DOUT
6915 TD
Timing Diagram of the Serial Interface
Theory of Operation (Refer to Block Diagrams)
The LTC6915 uses an internal capacitor (CS) to sample a
differential input signal riding on a DC common mode
voltage (the sampling rate is 3kHz and the input switch-on
resistance is 1k to 2k, depending on the power supply
voltage). This capacitor’s charge is transferred to a second
internal hold capacitor (CH) translating the common mode
voltage of the input differential signal to that of REF pin.
The resulting signal is amplified by a zero-drift op amp in
the noninverting configuration. Gain control within the
amplifier occurs by switching resistors from a matched
resistor array. The LTC6915 has 14 levels of gain, con-
trolled by the parallel or serial interface. A feedback
capacitor CF helps to reduce the switching noise. Due to
the input sampling, an LTC6915 may produce aliasing
errors for input signals greater than 1.5kHz (one half the
3kHz sampling frequency). However, if the input signal is
bandlimited to less than 1.5kHz then an LTC6915 is useful
as instrumentation or as a differential to single-ended AC
amplifier with programmable gain.
Parallel Interface
As shown in Figure 1, connecting PARALLEL_SERIAL to
V+ allows the gain control code to be set through the
parallel lines (D3, D2, D1, D0). When HOLD_THRU is low
OPERATIO
(referenced to DGND) or floating, the parallel gain control
bits (D3 ~ D0) directly control the PGA gain. When
HOLD_THRU is high, the parallel gain control bits are read
into and held by a 4-bit latch. Any change at D3 ~ D0 will
not affect the PGA gain when HOLD_THRU is high. Note
that the DFN12 package does not have the HOLD_THRU
pin. Instead, it is tied to DGND internally. The DOUT(D3) pin
is bidirectional (output in serial mode, input in parallel
mode). In parallel mode, the voltage at DOUT(D3) cannot
exceed V+; otherwise, large currents can be injected to V+
through the parasitic diode (see Figure 2). Connecting a
10k resistor at the DOUT(D3) pin if parallel mode is selected
(see Figure 1) is recommended for current limiting.
Serial Interface
Connecting PARALLEL_SERIAL to Vallows the gain
control code to be set through the serial interface. When
CS is low, the serial data on DIN is shifted into an 8-bit shift-
register on the rising edge of the clock, with the MSB
transferred first (see Figure 3). Serial data on DOUT is
shifted out on the clock’s falling edge. A high CS will load
the 4 LSBs of the shift-register into a 4-bit D-latch, which
are the gain control bits. The clock is disabled internally
when CS is pulled high. Note: CLK must be low before CS
is pulled low to avoid an extra internal clock pulse.


Similar Part No. - LTC6915CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
More results

Similar Description - LTC6915CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231 AD-AD8231 Datasheet
630Kb / 20P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
AD8231 AD-AD8231_16 Datasheet
668Kb / 25P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
logo
Texas Instruments
PGA281 TI-PGA281 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
PGA280 TI-PGA280 Datasheet
900Kb / 45P
[Old version datasheet]   Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LTC1100 LINER-LTC1100_03 Datasheet
135Kb / 8P
   Precision, Zero-Drift Instrumentation Amplifier
LTC1100 LINER-LTC1100_15 Datasheet
145Kb / 8P
   Precision, Zero-Drift Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com