Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S93WD462 Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # S93WD462
Description  Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93WD462 Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button S93WD462 Datasheet HTML 6Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 7Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 8Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 9Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 10Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 11Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 12Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 13Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 14Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
S93WD462/S93WD463
2029
2.2 1/23/01
SUMMIT MICROELECTRONICS, Inc.
8 Pin SOIC
8 Pin PDIP
.05 (1.27) TYP.
1
8 Pin SOIC
0.150 - 0.157
(3.80 - 4.00)
0.189 - 0.196
(4.80 - 5.00)
0.053 - 0.069
(1.35 - 1.75)
0.013 - 0.020
(0.33 - 0.51)
0.004 - 0.010
(0.10 - 0.25)
0.016 - 0.050
(0.40 - 1.27)
×45º
0.010 - 0.020
(0.25 - 0.50)
0.228 - 0.244
(5.80 - 6.20)
Ref. JEDEC MS-012
Inches
(Millimeters)
PIN 1 INDICATOR
.015
(.381)
.100
(2.54)
0.014 - 0.022
(0.36 - 0.56)
SEATING PLANE
0.008 - 0.014
(0.20 - 0.36)
8 Pin PDIP
0.300 - 0.325
(7.62 - 8.25)
0.43
(10.9)
MAX.
0.21
(5.33)
MAX.
0.115 - 0.195
(2.92 - 4.95)
0.115 - 0.195
(2.92 - 4.95)
Min.
1
0.24 - 0.28
(6.1 - 7.1)
0.355 - 0.400
(9.02 - 10.2)
0.045 - 0.070
(1.14 - 1.78)
Ref. JEDEC MS-001
Inches
(Millimeters)


Similar Part No. - S93WD462

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
77Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462P-2.7 SUMMIT-S93WD462P-2.7 Datasheet
77Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462P-2.7T SUMMIT-S93WD462P-2.7T Datasheet
77Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462PA SUMMIT-S93WD462PA Datasheet
77Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462PAT SUMMIT-S93WD462PAT Datasheet
77Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
More results

Similar Description - S93WD462

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462_98 Datasheet
77Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
Catalyst Semiconductor
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Catalyst Semiconductor
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com