Electronic Components Datasheet Search |
|
CXN1010-3DAL Datasheet(PDF) 6 Page - Sony Corporation |
|
CXN1010-3DAL Datasheet(HTML) 6 Page - Sony Corporation |
6 / 21 page – 6 – CXN1010 Input/Output Terminal Characteristics (continued) USB Terminals Input Threshold VIL input logic level low VIH input logic level high Input Leakage Current GND < VIN < VDD3.0 CI input capacitance Output Levels to Correctly Terminated USB Cable VOL input logic level low VOH input logic level high Unit V V µA pF V V Auxiliary DAC, 8-bit Resolution Resolution Average output step size Output Voltage Voltage range (IO = 0) Current range Minimum output voltage (IO = 100µA) Maximum output voltage (IO = 10mA) High impedance leakage current Offset Integral non-linearity Starting time (50pF load) Setting time (50pF load) Unit Bits mV V mA V V µA mV LSB µs µs PD-RST Terminal VDD falling threshold VDD rising threshold Hysteresis Unit V V V Monotonic: 0.2 to VDD3.0 – 0.2V Typ. — — — — — — Min. — 0.7 × VDD3.0 –1 2.5 0 2.8 Max. 0.3 × VDD3.0 — 1 10 0.2 VDD3.0 Typ. — 14.5 — — — — — — — — — Min. — 12.5 GND –10 0 VDD3.0 – 0.3 –1 –220 –2 — — Max. 8 17 VDD3.0 0.1 0.2 VDD3.0 1 120 2 10 5 Typ. 1.50 1.60 0.10 Min. 1.40 1.50 0.05 Max. 1.60 1.70 0.15 |
Similar Part No. - CXN1010-3DAL |
|
Similar Description - CXN1010-3DAL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |