Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320DAC26IRHBR Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TLV320DAC26IRHBR
Description  LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV320DAC26IRHBR Datasheet(HTML) 3 Page - Burr-Brown (TI)

  TLV320DAC26IRHBR Datasheet HTML 1Page - Burr-Brown (TI) TLV320DAC26IRHBR Datasheet HTML 2Page - Burr-Brown (TI) TLV320DAC26IRHBR Datasheet HTML 3Page - Burr-Brown (TI) TLV320DAC26IRHBR Datasheet HTML 4Page - Burr-Brown (TI) TLV320DAC26IRHBR Datasheet HTML 5Page - Burr-Brown (TI) TLV320DAC26IRHBR Datasheet HTML 6Page - Burr-Brown (TI) TLV320DAC26IRHBR Datasheet HTML 7Page - Burr-Brown (TI) TLV320DAC26IRHBR Datasheet HTML 8Page - Burr-Brown (TI) TLV320DAC26IRHBR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
TLV320DAC26
SLAS428− AUGUST 2004
www.ti.com
3
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)(2)
UNITS
AVDD to AVSS
−0.3 V to 3.9 V
DRVDD to DRVSS
−0.3 V to 3.9 V
IOVDD to DVSS
−0.3 V to 3.9 V
DVDD to DVSS
−0.3 V to 2.5 V
AVDD to DRVDD
−0.1 V to 0.1 V
AVSS to DRVSS to DVSS
−0.1 V to 0.1 V
Analog inputs to AVSS
−0.3 V to AVDD + 0.3 V
Digital input voltage to DVSS
−0.3 V to IOVDD + 0.3 V
Operating temperature range
−40
°C to 85°C
Storage temperature range
−65
°C to 105°C
Junction temperature (TJ Max)
105
°C
QFN package
Power dissipation
(TJ Max − TA)/θJA
QFN package
θJA Thermal impedance
123
°C/W
Lead temperature
Soldering vapor phase (60 sec)
215
°C
Lead temperature
Infrared (15 sec)
220
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) If the ’DAC26 is used to drive high power levels to an 8-Ω load for extended intervals at ambient temperatures above 70°C, multiple vias should be
used to electrically and thermally connect the thermal pad on the QFN package to an internal heat-dissipating ground plane on the user’s PCB.
ELECTRICAL CHARACTERISTICS
At +25
°C, AVDD,DRVDD,IOVDD = 3.3 V, DVDD = 1.8 V, Int. Vref = 2.5 V, Fs (Audio) = 48 kHz, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
MICROPHONE INPUT
Input resistance
20
k
Input capacitance
10
pF
MICROPHONE BIAS
Voltage
D4 = 0 control register 05H/Page2
2.5
V
Voltage
D4 = 1 control register 05H/Page2
2.0
V
Sourcing current
4.7
mA


Similar Part No. - TLV320DAC26IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC23 TI-TLV320DAC23 Datasheet
219Kb / 38P
[Old version datasheet]   STEREO AUDIO D/A CONVERTER, 8-TO 96KHZ WITH INTERGRATED HEADPHONE AMPLIFIER
TLV320DAC23 TI-TLV320DAC23 Datasheet
614Kb / 42P
[Old version datasheet]   Stereo Audip D/A Converter, 8-to 96 kHz With intergrated haeadphone Amplifier
TLV320DAC23GQE TI-TLV320DAC23GQE Datasheet
219Kb / 38P
[Old version datasheet]   STEREO AUDIO D/A CONVERTER, 8-TO 96KHZ WITH INTERGRATED HEADPHONE AMPLIFIER
TLV320DAC23GQE TI-TLV320DAC23GQE Datasheet
614Kb / 42P
[Old version datasheet]   Stereo Audip D/A Converter, 8-to 96 kHz With intergrated haeadphone Amplifier
TLV320DAC23GQER TI-TLV320DAC23GQER Datasheet
219Kb / 38P
[Old version datasheet]   STEREO AUDIO D/A CONVERTER, 8-TO 96KHZ WITH INTERGRATED HEADPHONE AMPLIFIER
More results

Similar Description - TLV320DAC26IRHBR

ManufacturerPart #DatasheetDescription
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
logo
Cirrus Logic
CS43L22 CIRRUS-CS43L22 Datasheet
1Mb / 68P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22_10 Datasheet
695Kb / 66P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
logo
Texas Instruments
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI1-TLV320DAC3101 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI-TLV320DAC3101_15 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
logo
Realtek Semiconductor C...
ALC5626 REALTEK-ALC5626 Datasheet
931Kb / 55P
   I2S AUDIO DAC HEADPHONE AND STEREO CLASS-AB/D SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com