Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYD09S72V Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYD09S72V
Description  FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD09S72V Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYD09S72V Datasheet HTML 2Page - Cypress Semiconductor CYD09S72V Datasheet HTML 3Page - Cypress Semiconductor CYD09S72V Datasheet HTML 4Page - Cypress Semiconductor CYD09S72V Datasheet HTML 5Page - Cypress Semiconductor CYD09S72V Datasheet HTML 6Page - Cypress Semiconductor CYD09S72V Datasheet HTML 7Page - Cypress Semiconductor CYD09S72V Datasheet HTML 8Page - Cypress Semiconductor CYD09S72V Datasheet HTML 9Page - Cypress Semiconductor CYD09S72V Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
PRELIMINARY
CYD04S72V
CYD09S72V
CYD18S72V
Document #: 38-06069 Rev. *D
Page 6 of 26
Address Counter and Mask Register Operations[16]
This section describes the features only apply to 4Mbit and
9Mbit devices, not to 18Mbit device. Each port have a
programmable burst address counter. The burst counter
contains three registers: a counter register, a mask register,
and a mirror register.
The counter register contains the address used to access the
RAM array. It is changed only by the Counter Load, Increment,
Counter Reset, and by master reset (MRST) operations.
The mask register value affects the Increment and Counter
Reset operations by preventing the corresponding bits of the
counter register from changing. It also affects the counter
interrupt output (CNTINT). The mask register is changed only
by the Mask Load and Mask Reset operations, and by the
MRST. The mask register defines the counting range of the
counter register. It divides the counter register into two
regions: zero or more “0s” in the most significant bits define
the masked region, one or more “1s” in the least significant bits
define the unmasked region. Bit 0 may also be “0,” masking
the least significant counter bit and causing the counter to
increment by two instead of one.
The mirror register is used to reload the counter register on
increment operations (see “retransmit,” below). It always
contains the value last loaded into the counter register, and is
changed only by the Counter Load, and Counter Reset opera-
tions, and by the MRST.
Table 3 summarizes the operation of these registers and the
required input control signals. The MRST control signal is
asynchronous. All the other control signals in Table 3
(CNT/MSK, CNTRST, ADS, CNTEN) are synchronized to the
port’s CLK. All these counter and mask operations are
independent of the port’s chip enable inputs (CE0 and CE1)
Counter enable (CNTEN) inputs are provided to stall the
operation of the address input and utilize the internal address
generated by the internal counter for fast, interleaved memory
applications. A port’s burst counter is loaded when the port’s
address strobe (ADS) and CNTEN signals are LOW. When the
port’s CNTEN is asserted and the ADS is deasserted, the
address counter will increment on each LOW to HIGH
transition of that port’s clock signal. This will Read/Write one
word from/into each successive address location until CNTEN
is deasserted. The counter can address the entire memory
array, and will loop back to the start. Counter reset (CNTRST)
is used to reset the unmasked portion of the burst counter to
0s. A counter-mask register is used to control the counter
wrap.
Counter Reset Operation
All unmasked bits of the counter and mirror registers are reset
to “0.” All masked bits remain unchanged. A Mask Reset
followed by a Counter Reset will reset the counter and mirror
registers to 00000, as will master reset (MRST).
Counter Load Operation
The address counter and mirror registers are both loaded with
the address value presented at the address lines.
Counter Increment Operation
Once the address counter register is initially loaded with an
external address, the counter can internally increment the
address value, potentially addressing the entire memory array.
Only the unmasked bits of the counter register are incre-
mented. The corresponding bit in the mask register must be
a “1” for a counter bit to change. The counter register is incre-
mented by 1 if the least significant bit is unmasked, and by 2
if it is masked. If all unmasked bits are “1,” the next increment
Table 3. Address Counter and Counter Mask Register Control Operation (Any Port) [14,15 ]
CLK
MRST CNT/MSK CNTRST ADS CNTEN
Operation
Description
X
L
X
X
X
X
Master Reset
Reset address counter to all 0s and mask
register to all 1s.
H
H
L
X
X
Counter Reset
Reset counter unmasked portion to all 0s.
H
H
H
L
L
Counter Load
Load counter with external address value
presented on address lines.
H
H
H
L
H
Counter Readback Read out counter internal value on address
lines.
H
H
H
H
L
Counter Increment Internally increment address counter value.
H
H
H
H
H
Counter Hold
Constantly hold the address value for
multiple clock cycles.
H
L
L
X
X
Mask Reset
Reset mask register to all 1s.
H
L
H
L
L
Mask Load
Load mask register with value presented on
the address lines.
H
L
H
L
H
Mask Readback
Read out mask register value on address
lines.
H
L
H
H
X
Reserved
Operation undefined
Note:
14. X” = “Don’t Care,” “H” = HIGH, “L” = LOW.
15. Counter operation and mask register operation is independent of chip enables.


Similar Part No. - CYD09S72V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD09S72V CYPRESS-CYD09S72V Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD09S72V CYPRESS-CYD09S72V Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CYD09S72V-133BBC CYPRESS-CYD09S72V-133BBC Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD09S72V-133BBC CYPRESS-CYD09S72V-133BBC Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CYD09S72V-133BBI CYPRESS-CYD09S72V-133BBI Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
More results

Similar Description - CYD09S72V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
   FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com