Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5202 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5202
Description  400MHz Slew Enhanced VFAs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5202 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5202 Datasheet HTML 4Page - Intersil Corporation EL5202 Datasheet HTML 5Page - Intersil Corporation EL5202 Datasheet HTML 6Page - Intersil Corporation EL5202 Datasheet HTML 7Page - Intersil Corporation EL5202 Datasheet HTML 8Page - Intersil Corporation EL5202 Datasheet HTML 9Page - Intersil Corporation EL5202 Datasheet HTML 10Page - Intersil Corporation EL5202 Datasheet HTML 11Page - Intersil Corporation EL5202 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN7331.2
December 14, 2004
FIGURE 27. GAIN vs FREQUENCY FOR VARIOUS CL
FIGURE 28. GAIN vs FREQUENCY FOR VARIOUS CL
FIGURE 29. GAIN vs FREQUENCY FOR VARIOUS CL
FIGURE 30. GAIN vs FREQUENCY FOR VARIOUS CIN(-)
FIGURE 31. GAIN vs FREQUENCY FOR VARIOUS CIN(-)
FIGURE 32. GAIN vs FREQUENCY FOR VARIOUS CIN(-)
Typical Performance Curves (Continued)
4
2
0
-2
-4
5
3
1
-1
-3
0
1
10
1000
FREQUENCY (MHz)
100
-5
AV=+2
VS=±5V
RL=500Ω
RF=RG=402Ω
CL=+42pF
CL=+12pF
CL=+27pF
CL=+6pF
CL=+2.7pF
4
2
0
-2
-4
5
3
1
-1
-3
0
1
10
1000
FREQUENCY (MHz)
100
-5
AV=+2
VS=±5V
RL=150Ω
RF=RG=402Ω
CL=+59pF
CL=+24pF
CL=+12pF
CL=+39pF
CL=+49pF
4
2
0
-2
-4
5
3
1
-1
-3
01
10
FREQUENCY (MHz)
100
-5
AV=+5
VS=±5V
RL=500Ω
RF=1.2kΩ
RG=301Ω
CL=+143pF
CL=+74pF
CL=+100pF
CL=+56pF
CL=+39pF
4
2
0
-2
-4
5
3
1
-1
-3
0
1
10
1000
FREQUENCY (MHz)
100
-5
AV=+2
VS=±5V
RL=500Ω
RF=RG=402Ω
CIN(-)=+4.7pF
CIN(-)=+3pF
CIN(-)=+1pF
CIN(-)=+0pF
CIN(-)=+2pF
4
2
0
-2
-4
5
3
1
-1
-3
1.E-01
1.E+00
1.E+01
1.E+03
FREQUENCY (MHz)
1.E+02
-5
AV=+2
VS=±5V
RL=150Ω
RF=RG=402Ω
CIN(-)=+4.7pF
CIN(-)=+6.8pF
CIN(-)=+2.2pF
CIN(-)=+1.2pF
CIN(-)=+3.4pF
4
2
0
-2
-4
5
3
1
-1
-3
0
1
10
1000
FREQUENCY (MHz)
100
-5
AV=+5
VS=±5V
RL=500Ω
RF=1.2kΩ
RG=301Ω
CIN(-)=+12pF
CIN(-)=+9.6pF
CIN(-)=+4.7pF
CIN(-)=+7.2pF
CIN(-)=+10.8pF
EL5102, EL5103, EL5202, EL5203, EL5302


Similar Part No. - EL5202

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5202 INTERSIL-EL5202 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5202 INTERSIL-EL5202 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5202 INTERSIL-EL5202 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5202IY INTERSIL-EL5202IY Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
More results

Similar Description - EL5202

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_08 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com