Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5203 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5203
Description  400MHz Slew Enhanced VFAs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5203 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5203 Datasheet HTML 4Page - Intersil Corporation EL5203 Datasheet HTML 5Page - Intersil Corporation EL5203 Datasheet HTML 6Page - Intersil Corporation EL5203 Datasheet HTML 7Page - Intersil Corporation EL5203 Datasheet HTML 8Page - Intersil Corporation EL5203 Datasheet HTML 9Page - Intersil Corporation EL5203 Datasheet HTML 10Page - Intersil Corporation EL5203 Datasheet HTML 11Page - Intersil Corporation EL5203 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN7331.2
December 14, 2004
FIGURE 39. GAIN vs FREQUENCY FOR VARIOUS VS
FIGURE 40. GAIN vs FREQUENCY FOR VARIOUS VS
FIGURE 41. GAIN vs FREQUENCY FOR VARIOUS VS
FIGURE 42. GAIN vs FREQUENCY FOR VARIOUS VS
FIGURE 43. GAIN vs FREQUENCY FOR VARIOUS VS
FIGURE 44. GAIN vs FREQUENCY FOR VARIOUS VS
Typical Performance Curves (Continued)
4
2
0
-2
-4
5
3
1
-1
-3
0
1
10
1000
FREQUENCY (MHz)
100
-5
AV=-2
RL=500Ω
RF=301Ω
RG=150Ω
VS=±6V
VS=±2.5V
VS=±3V
VS=±5V
VS=±4V
4
2
0
-2
-4
5
3
1
-1
-3
0
1
10
1000
FREQUENCY (MHz)
100
-5
AV=-2
RL=1kΩ
RF=301Ω
RG=150Ω
VS=±6V
VS=±2.5V
VS=±5V
VS=±3V
VS=±4V
4
2
0
-2
-4
5
3
1
-1
-3
01
10
FREQUENCY (MHz)
100
-5
AV=-10
RL=100Ω
RF=1kΩ
RG=100Ω
VS=±6V
VS=±2.5V
VS=±3V
VS=±5V
VS=±4V
4
2
0
-2
-4
5
3
1
-1
-3
01
10
FREQUENCY (MHz)
100
-5
AV=-10
RL=150Ω
RF=1kΩ
RG=100Ω
VS=±6V
VS=±2.5V
VS=±5V
VS=±3V
VS=±4V
4
2
0
-2
-4
5
3
1
-1
-3
01
10
FREQUENCY (MHz)
100
-5
AV=-10
RL=500Ω
RF=1kΩ
RG=100Ω
VS=±6V
VS=±5V
VS=±4V
VS=±3V
VS=±2.5V
4
2
0
-2
-4
5
3
1
-1
-3
01
10
FREQUENCY (MHz)
100
-5
AV=-10
RL=1kΩ
RF=1kΩ
RG=100Ω
VS=±6V
VS=±3V
VS=±2.5V
VS=±5V
VS=±4V
EL5102, EL5103, EL5202, EL5203, EL5302


Similar Part No. - EL5203

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5203 INTERSIL-EL5203 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5203 INTERSIL-EL5203 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5203 INTERSIL-EL5203 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5203IS INTERSIL-EL5203IS Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5203IS INTERSIL-EL5203IS Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
More results

Similar Description - EL5203

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_08 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com