Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA3X704E Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA3X704E
Description  Schottky Barrier Diodes (SBD)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3X704E Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA3X704E Datasheet HTML 1Page - Panasonic Semiconductor MA3X704E Datasheet HTML 2Page - Panasonic Semiconductor MA3X704E Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diodes (SBD)
1
Publication date: January 2002
SKH00074BED
EIAJ: SC-59
Mini3-G1 Package
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
30
V
Peak reverse voltage
Single
IFM
150
mA
Double *
110
Forward current (DC)
Single
IF
30
mA
Double *
20
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
MA3X704D, MA3X704E (MA704WA, MA704WK)
Silicon epitaxial planar type
For switching
For wave detection
s Features
• Two MA3X704A (MA704A) is contained in one package
• Low forward voltage V
F and good wave detection efficiency η
• Small temperature coefficient of forward characteristic
• Small reverse current I
R
• Mini type 3-pin package
s Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 30 V
1
µA
Forward voltage (DC)
VF1
IF = 1 mA
0.4
V
VF2
IF = 30 mA
1.0
Terminal capacitance
Ct
VR = 1 V, f = 1 MHz
1.5
pF
Reverse recovery time *
trr
IF = IR = 10 mA
1.0
ns
Irr = 1 mA, RL = 100 Ω
Detection efficiency
η
Vin = 3 V(peak) , f = 30 MHz
65
%
RL = 3.9 kΩ, CL = 10 pF
s Electrical Characteristics T
a = 25°C
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
Wave Form Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 10 mA
I
R = 10 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 1 mA
t
r
t
p
t
rr
V
R
I
F
t
t
A
Marking Symbol
• MA3X704D: M2P • MA3X704E: M2R
Internal Connection
12
3
Note) *: Value per chip
12
3
D
E
MA3X704D MA3X704E
1 Cathode
Anode
2 Cathode
Anode
3 Anode
Cathode
Unit: mm
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9
±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10˚
Note) 1. This product is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body
and the leakage of current from the operating equipment.
2. Rated input/output frequency: 2 GHz
3. *: trr measuring instrument
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - MA3X704E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3X704E PANASONIC-MA3X704E Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results

Similar Description - MA3X704E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA10704 PANASONIC-MA10704 Datasheet
76Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2P701 PANASONIC-MA2P701 Datasheet
48Kb / 2P
   Schottky Barrier Diodes (SBD)
MA784 PANASONIC-MA784 Datasheet
73Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2YD15 PANASONIC-MA2YD15 Datasheet
64Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2SE01 PANASONIC-MA2SE01 Datasheet
74Kb / 3P
   Schottky Barrier Diodes (SBD)
MA27784 PANASONIC-MA27784 Datasheet
84Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2D760 PANASONIC-MA2D760 Datasheet
37Kb / 2P
   Schottky Barrier Diodes (SBD)
MA3SE02 PANASONIC-MA3SE02 Datasheet
61Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2H736 PANASONIC-MA2H736 Datasheet
43Kb / 2P
   Schottky Barrier Diodes (SBD)
MA2Q705 PANASONIC-MA2Q705 Datasheet
44Kb / 2P
   Schottky Barrier Diodes (SBD)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com