Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDFM2P110 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDFM2P110
Description  Integrated P-Channel PowerTrench MOSFET and Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDFM2P110 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDFM2P110 Datasheet HTML 1Page - Fairchild Semiconductor FDFM2P110 Datasheet HTML 2Page - Fairchild Semiconductor FDFM2P110 Datasheet HTML 3Page - Fairchild Semiconductor FDFM2P110 Datasheet HTML 4Page - Fairchild Semiconductor FDFM2P110 Datasheet HTML 5Page - Fairchild Semiconductor FDFM2P110 Datasheet HTML 6Page - Fairchild Semiconductor FDFM2P110 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
April 2005
FDFM2P110 Rev. C2
FDFM2P110
Integrated P-Channel PowerTrench®
MOSFET and Schottky Diode
Features
■ –3.5 A, –20 V RDS(ON) = 140 mΩ @ VGS = –4.5 V
RDS(ON) = 200 mΩ @ VGS = –2.5 V
■ Low Profile – 0.8mm maximum – in the new package
MicroFET 3x3 mm
Applications
■ DC-DC Converter
General Description
FDFM2P110 combines the exceptional performance of Fairchild’s
PowerTrench MOSFET technology with a very low forward voltage
drop Schottky barrier rectifier in a MicroFET package.
This device is designed specifically as a single package solution
for DC to DC converters. It features a fast switching, low gate
charge MOSFET with very low on-state resistance.
Absolute Maximum Ratings TA = 25°C unless otherwise noted
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–20
V
VGSS
Gate-Source Voltage
±12
V
ID
Drain Current
– Continuous
(Note 1a)
–3.5
A
– Pulsed
–10
VRRM
Schottky Repetitive Peak Reverse Voltage
20
V
IO
Schottky Average Forward Current
(Note 1a)
2
A
PD
Power Dissipation (Steady State)
(Note 1a)
2.4
W
(Note 1b)
1.2
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
60
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
145
Device Marking
Device
Reel Size
Tape width
Quantity
2P110
FDFM2P110
7"
12mm
3000 units
MLP 3x3
Pin 1
Bottom
Top
1
2
3
6
5
4


Similar Part No. - FDFM2P110

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFM2P110 FAIRCHILD-FDFM2P110 Datasheet
277Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFM2P110_0508 FAIRCHILD-FDFM2P110_0508 Datasheet
277Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
More results

Similar Description - FDFM2P110

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFS2P103A FAIRCHILD-FDFS2P103A Datasheet
144Kb / 6P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFMA2P853 FAIRCHILD-FDFMA2P853 Datasheet
307Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFS2P103 FAIRCHILD-FDFS2P103 Datasheet
295Kb / 9P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFS2P102A FAIRCHILD-FDFS2P102A Datasheet
145Kb / 6P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFMC2P120 FAIRCHILD-FDFMC2P120 Datasheet
123Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFS2P106A FAIRCHILD-FDFS2P106A Datasheet
91Kb / 6P
   Integrated 60V P-Channel PowerTrench??MOSFET and Schottky Diode
FDC6392S FAIRCHILD-FDC6392S Datasheet
193Kb / 6P
   20V Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFC2P100 FAIRCHILD-FDFC2P100 Datasheet
344Kb / 6P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V, -3A, 150mohm
FDFMA2P029Z FAIRCHILD-FDFMA2P029Z Datasheet
412Kb / 8P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V, -3.1A, 95mohm
FDFMA2P857 FAIRCHILD-FDFMA2P857 Datasheet
420Kb / 8P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V, -3.0A, 120mohm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com