Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6128-04 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FS6128-04
Description  PLL CLOCK GENERATOR IC WITH VCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6128-04 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FS6128-04 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6128-04 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6128-04 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6128-04 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6128-04 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6128-04 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6128-04 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AMERICAN MICROSYSTEMS, INC.
April 2000
4
4.24.00
FS6128-04 / FS6128-05 / FS6128-06
FS6128-04 / FS6128-05 / FS6128-06
FS6128-04 / FS6128-05 / FS6128-06
FS6128-04 / FS6128-05 / FS6128-06
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
ISO9001
ISO9001
ISO9001
ISO9001
Table 5: DC Electrical Specifications
Unless otherwise stated, VDD = 3.3V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal characterization
data and are not production tested to any specific limits. Where given, MIN and MAX characterization data are
± 3σfrom typical. Negative currents indicate current flows out of the device.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Overall
Supply Current, Dynamic, with Loaded
Outputs
IDD
fXTAL = 13.5MHz; CL = 10pF, VDD = 3.6V
30
mA
Supply Current, Static
IDD
XIN = 0V, VDD = 3.6V
3
mA
Voltage Controlled Crystal Oscillator (contact factory for approved crystal sources or other application assistance)
Crystal Loading Capacitance at Center
Tuning Voltage
CL(xtal)
Order crystal for this capacitance (parallel
load) at desired center frequency
14
pF
Crystal Resonator Motional Capacitance
C1
Specified motional capacitance of the
crystal will affect pullability (see text)
25
fF
XTUNE Effective Range
03
V
Synthesized Load Capacitance Min.
CL1
@V(XTUNE)=minimum value
10
pF
Synthesized Load Capacitance Max.
CL2
@V(XTUNE)=maximum value
20
pF
VCXO Tuning Range
fXTAL = 13.5MHz; CL(xtal) = 14pF; C1(xtal) = 25fF
(peak-to-peak)
300
ppm
VCXO Tuning Characteristic
Note: positive change of XTUNE =
positive change of VCXO frequency
150
ppm/V
Crystal Drive Level
RXTAL=20
Ω; C
L = 20pF
200
uW
Clock Output (CLK)
High-Level Output Source Current *
IOH
VO = 2.0V
-40
mA
Low-Level Output Sink Current *
IOL
VO = 0.4V
17
mA
zOH
VO = 0.1VDD; output driving high
25
Output Impedance *
zOL
VO = 0.1VDD; output driving low
25
Short Circuit Source Current *
IOSH
VO = 0V; shorted for 30s, max.
-55
mA
Short Circuit Sink Current *
IOSL
VO = 3.3V; shorted for 30s, max.
55
mA


Similar Part No. - FS6128-04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS6128-04 ONSEMI-FS6128-04 Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
FS6128-04G-XTD ONSEMI-FS6128-04G-XTD Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
FS6128-04G-XTP ONSEMI-FS6128-04G-XTP Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
More results

Similar Description - FS6128-04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
   DUAL PLL VCXO CLOCK GENERATOR IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
PLL501-21 PLL-PLL501-21 Datasheet
133Kb / 5P
   VCXO Clock Generator IC
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6127 ETC-FS6127 Datasheet
111Kb / 6P
   VCXO CLOCK GENERATOR IC
logo
ON Semiconductor
FS6128-07 ONSEMI-FS6128-07 Datasheet
201Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
FS6128-04 ONSEMI-FS6128-04 Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com