Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5203IY-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5203IY-T7
Description  400MHz Slew Enhanced VFAs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5203IY-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5203IY-T7 Datasheet HTML 1Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 2Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 3Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 4Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 5Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 6Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 7Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 8Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN7331.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2004. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
PRELIMINARY
EL5102, EL5103, EL5202, EL5203, EL5302
400MHz Slew Enhanced VFAs
The EL5x02 and EL5x03 families represent high-speed
VFAs based on a CFA amplifier architecture. This gives the
typical high slew rate benefits of a CFA family along with the
stability and ease of use associated with the VFA type
architecture. With slew rates of 3500V/µs this family of
devices enables the use of voltage feedback amplifiers in a
space where the only alternative has been current feedback
amplifiers. This family will also be available in single, dual,
and triple versions, with 200MHz, 400MHz, and 750MHz
versions. These are all available in single, dual, and triple
versions.
Both families operate on single 5V or ±5V supplies from
minimum supply current. EL5x02 also features an output
enable function, which can be used to put the output in to a
high-impedance mode. This enables the outputs of multiple
amplifiers to be tied together for use in multiplexing
applications.
Typical applications for these families will include cable
driving, filtering, A-to-D and D-to-A buffering, multiplexing
and summing within video, communications, and
instrumentation designs.
Features
• Operates off 3V, 5V, or ±5V applications
• Power-down to 0µA (EL5x02)
• -3dB bandwidth = 400MHz
• ±0.1dB bandwidth = 50MHz
• Low supply current = 5mA
• Slew rate = 3500V/µs
• Low offset voltage = 5mV max
• Output current = 140mA
•AVOL = 2000
• Diff gain/phase = 0.01%/0.01°
Applications
• Video amplifiers
• PCMCIA applications
•A/D drivers
• Line drivers
• Portable computers
• High speed communications
• RGB applications
• Broadcast equipment
• Active filtering
Ordering Information
PART
NUMBER
PACKAGE
TAPE & REEL
PKG. DWG. #
PART
NUMBER
PACKAGE
TAPE & REEL
PKG. DWG. #
EL5102IS
8-Pin SO
-
MDP0027
EL5202IY-T13
10-Pin MSOP
13”
MDP0043
EL5102IS-T7
8-Pin SO
7”
MDP0027
EL5203IS
8-Pin SO
-
MDP0027
EL5102IS-T13
8-Pin SO
13”
MDP0027
EL5203IS-T7
8-Pin SO
7”
MDP0027
EL5102IW-T7
6-Pin SOT-23
7” (3K pcs)
MDP0038
EL5203IS-T13
8-Pin SO
13”
MDP0027
EL5102IW-T7A
6-Pin SOT-23
7” (250 pcs)
MDP0038
EL5203IY
8-Pin MSOP
-
MDP0043
EL5103IC-T7
5-Pin SC-70
7” (3K pcs)
P5.049
EL5203IY-T7
8-Pin MSOP
7”
MDP0043
EL5103IC-T7A
5-Pin SC-70
7” (250 pcs)
P5.049
EL5203IY-T13
8-Pin MSOP
13”
MDP0043
EL5103IW-T7
5-Pin SOT-23
7” (3K pcs)
MDP0038
EL5302IU
16-Pin QSOP
-
MDP0040
EL5103IW-T7A
5-Pin SOT-23
7” (250 pcs)
MDP0038
EL5302IU-T7
16-Pin QSOP
7”
MDP0040
EL5202IY
10-Pin MSOP
-
MDP0043
EL5302IU-T13
16-Pin QSOP
13”
MDP0040
EL5202IY-T7
10-Pin MSOP
7”
MDP0043
Data Sheet
December 14, 2004


Similar Part No. - EL5203IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5203IY-T7 INTERSIL-EL5203IY-T7 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5203IY-T7 INTERSIL-EL5203IY-T7 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5203IY-T7 INTERSIL-EL5203IY-T7 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
More results

Similar Description - EL5203IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_08 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com