Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V9089S6PF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70V9089S6PF
Description  HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V9089S6PF Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70V9089S6PF Datasheet HTML 1Page - Integrated Device Technology IDT70V9089S6PF Datasheet HTML 2Page - Integrated Device Technology IDT70V9089S6PF Datasheet HTML 3Page - Integrated Device Technology IDT70V9089S6PF Datasheet HTML 4Page - Integrated Device Technology IDT70V9089S6PF Datasheet HTML 5Page - Integrated Device Technology IDT70V9089S6PF Datasheet HTML 6Page - Integrated Device Technology IDT70V9089S6PF Datasheet HTML 7Page - Integrated Device Technology IDT70V9089S6PF Datasheet HTML 8Page - Integrated Device Technology IDT70V9089S6PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
6.42
IDT70V9089/79S/L
High Speed 3.3V 64/32K x 8 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description:
The IDT70V9089/79 is a high-speed 64/32K x 8 bit synNchronous
Dual-Port RAM. The memory array utilizes Dual-Port memory cells to
allowsimultaneousaccessofanyaddressfrombothports.Registerson
control,data,andaddressinputsprovideminimalsetupandholdtimes.
The timing latitude provided by this approach allows systems to be
designed with very short cycle times.
Pin Configurations(2,3,4)
NOTES:
1. A15X is a NC for ID70V9079.
2. All Vcc pins must be connected to power supply.
3. All GND pins must be connected to ground.
4. Package body is approximately 14mm x 14mm x 1.4mm.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 9897 96 95949392 91 90 8988 87 86 8584 8382 81 8079 78 77 76
IDT70V9089/79PF
PN100-1(5)
100-PIN TQFP
TOP VIEW(6)
NC
VSS
FT/PIPER
OER
R/
WR
CNTRSTR
CE1R
CE0R
NC
NC
VSS
A12R
A13R
A11R
A10R
A9R
A8R
A7R
NC
NC
A14R
NC
NC
NC
3750 drw 02
NC
NC
FT/PIPEL
OEL
R/
WL
CNTRSTL
CE1L
CE0L
NC
NC
NC
VDD
NC
A14L
A13L
A8L
A7L
NC
NC
NC
A12L
A11L
A10L
A9L
A15R(1)
A15L(1)
,
01/15/04
Withaninputdataregister,theIDT70V9089/79hasbeenoptimizedfor
applicationshavingunidirectionalorbidirectionaldataflowinbursts.An
automatic power down feature, controlled by CE0and CE1, permits the
on-chip circuitry of each port to enter a very low standby power mode.
Fabricated using IDT’s CMOS high-performance technology, these
devices typically operate on only 429mW of power.


Similar Part No. - IDT70V9089S6PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V9089S6PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com