Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2565 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2565
Description  Complementary Silicon Transistors High Current Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2565 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2565 Datasheet HTML 1Page - NTE Electronics NTE2565 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Base Breakdown Voltage
V(BR)CBO IC = 1mA, IE = 0
60
V
Collector Emitter Breakdown Voltage
V(BR)CEO IC = 1mA, RBE = ∞
30
V
Emitter Base Breakdown Voltage
V(BR)EBO IE = 1mA, IC = 0
6
V
Turn–On Time
ton
VCC = 10V, VBE = –5V,
0.1
µs
Storage Time
NTE2564
tstg
20IB1 = –20IB2 = IC = 4A,
Pulse Width = 20
µs,
Duty Cycle
≤ 1%, Note 1
0.5
µs
NTE2565
Duty Cycle
≤ 1%, Note 1
0.2
µs
Fall Time
tf
1.6
µs
Note 1. For NTE2565, the polarity is reversed.
.100 (2.54)
.019 (0.5)
.177 (4.5)
.051 (1.3)
.346
(8.8)
.433
(11.0)
.035
(0.9)
.402 (10.2)
BC
E


Similar Part No. - NTE2565

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE256 NTE-NTE256 Datasheet
24Kb / 2P
   Silicon NPN Transistor Darlington w/Damper Diode
NTE2560 NTE-NTE2560 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Darlington, Motor/Relay Driver
NTE2561 NTE-NTE2561 Datasheet
19Kb / 2P
   Silicon NPN Transistor Video Amplifier
NTE2562 NTE-NTE2562 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2563 NTE-NTE2563 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
More results

Similar Description - NTE2565

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2562 NTE-NTE2562 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2570 NTE-NTE2570 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2515 NTE-NTE2515 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2524 NTE-NTE2524 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2517 NTE-NTE2517 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2568 NTE-NTE2568 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2526 NTE-NTE2526 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2536 NTE-NTE2536 Datasheet
20Kb / 2P
   Silicon Complementary Transistors High Current Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com