Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP585DSAN09T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP585DSAN09T1G
Description  Tri-Mode 300 mA CMOS LDO Regulator with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP585DSAN09T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP585DSAN09T1G Datasheet HTML 4Page - ON Semiconductor NCP585DSAN09T1G Datasheet HTML 5Page - ON Semiconductor NCP585DSAN09T1G Datasheet HTML 6Page - ON Semiconductor NCP585DSAN09T1G Datasheet HTML 7Page - ON Semiconductor NCP585DSAN09T1G Datasheet HTML 8Page - ON Semiconductor NCP585DSAN09T1G Datasheet HTML 9Page - ON Semiconductor NCP585DSAN09T1G Datasheet HTML 10Page - ON Semiconductor NCP585DSAN09T1G Datasheet HTML 11Page - ON Semiconductor NCP585DSAN09T1G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NCP585
http://onsemi.com
8
TYPICAL CHARACTERISTICS
TIME, t (
ms)
ECO = H, Iout = 30 mA
Cout = Ceramic 1.0 mF
Vout = 2.6 V
10
50
100
2.68
2.66
2.64
2.62
2.60
2.58
2.56
0
Output Voltage
Input Voltage
20
60
30
70
40
80
90
5
3
2
1
0
4
−1
0.4
2.0
TIME, t (
ms)
4.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
0.0
0.8
2.4
1.2
2.8
1.6
3.2
3.6
5
3
2
1
0
4
−1
Output Voltage
Input Voltage
ECO = L, Iout = 30 mA
Cout = Ceramic 1.0 mF
Vout = 2.6 V
Iout = 30 mA
1
10
100
100
70
60
50
40
30
20
10
0
0
80
90
Figure 27. Ripple Rejection vs. Frequency
Figure 28. Ripple Rejection vs. Frequency
10
50
TIME, t (
ms)
100
0.88
0.86
0.84
0.82
0.80
0.78
0.76
0
Output Voltage
Input Voltage
20
60
30
70
40
80
90
4
2
1
0
−1
3
ECO = H, Iout = 30 mA
Cout = Tantalum 1.0 mF
Vout = 0.8 V
0.4
2.0
TIME, t (
ms)
4.0
3.0
2.5
2.0
1.5
1.0
0.5
0
0.0
0.8
2.4
1.2
2.8
1.6
3.2
3.6
4
2
1
0
−1
3
−2
−2
1
10
100
100
70
60
50
40
30
20
10
0
0
80
90
FREQUENCY, f (kHz)
Iout = 1.0 mA
Iout = 50 mA
FREQUENCY, f (kHz)
Iout = 1.0 mA
Iout = 30 mA
Iout = 50 mA
Output Voltage
Input Voltage
ECO = L, Iout = 30 mA
Cout = Tantalum 1.0 mF
Vout = 0.8 V
Figure 29. Input Transient Response
Vout = 1.5 V
Vin = 2.5 V + 0.2 Vp−p
Cout = 2.2 mF, ECO = H
Vout = 1.5 V
Vin = 2.5 V + 0.2 Vp−p
Cout = 2.2 mF, ECO = L


Similar Part No. - NCP585DSAN09T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585DSAN09T1G ONSEMI-NCP585DSAN09T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
More results

Similar Description - NCP585DSAN09T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP584 ONSEMI-NCP584 Datasheet
89Kb / 12P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com