Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZ36A2 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HZ36A2
Description  Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HZ36A2 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HZ36A2 Datasheet HTML 1Page - Hitachi Semiconductor HZ36A2 Datasheet HTML 2Page - Hitachi Semiconductor HZ36A2 Datasheet HTML 3Page - Hitachi Semiconductor HZ36A2 Datasheet HTML 4Page - Hitachi Semiconductor HZ36A2 Datasheet HTML 5Page - Hitachi Semiconductor HZ36A2 Datasheet HTML 6Page - Hitachi Semiconductor HZ36A2 Datasheet HTML 7Page - Hitachi Semiconductor HZ36A2 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HZ Series
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
ADE-208-117B(Z)
Rev. 2
Nov. 1999
Features
• Low leakage, low zener impedance and maximum power dissipation of 500 mW are ideally suited for
stabilized power supply, etc.
• Wide spectrum from 1.6V through 38V of zener voltage provide flexible application.
Ordering Information
Type No.
Mark
Package Code
HZ Series
Type No.
DO-35
Outline
1. Cathode
2. Anode
7
B 2
Cathode band
Type No.
1
2


Similar Part No. - HZ36A2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ36 RENESAS-HZ36 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
logo
Hitachi Semiconductor
HZ36 HITACHI-HZ36 Datasheet
48Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller & Voltage Limitter
logo
Renesas Technology Corp
HZ36 RENESAS-HZ36 Datasheet
83Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
Galaxy Semi-Conductor H...
HZ36 BILIN-HZ36 Datasheet
174Kb / 3P
   ZENER DIODES
logo
Renesas Technology Corp
HZ36 RENESAS-HZ36 Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
More results

Similar Description - HZ36A2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
HZS-N RENESAS-HZS-N Datasheet
57Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZK6C RENESAS-HZK6C Datasheet
49Kb / 7P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZK2B SEMTECH_ELEC-HZK2B Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
Renesas Technology Corp
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com