Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4D553235F-GC33 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K4D553235F-GC33
Description  256M GDDR SDRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4D553235F-GC33 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K4D553235F-GC33 Datasheet HTML 4Page - Samsung semiconductor K4D553235F-GC33 Datasheet HTML 5Page - Samsung semiconductor K4D553235F-GC33 Datasheet HTML 6Page - Samsung semiconductor K4D553235F-GC33 Datasheet HTML 7Page - Samsung semiconductor K4D553235F-GC33 Datasheet HTML 8Page - Samsung semiconductor K4D553235F-GC33 Datasheet HTML 9Page - Samsung semiconductor K4D553235F-GC33 Datasheet HTML 10Page - Samsung semiconductor K4D553235F-GC33 Datasheet HTML 11Page - Samsung semiconductor K4D553235F-GC33 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
256M GDDR SDRAM
K4D553235F-GC
- 8 -
Rev 1.6 (May 2005)
The mode register stores the data for controlling the various operating modes of DDR SDRAM. It programs CAS latency,
addressing mode, burst length, test mode, DLL reset and various vendor specific options to make DDR SDRAM useful for
variety of different applications. The default value of the mode register is not defined, therefore the mode register must be
written after EMRS setting for proper operation. The mode register is written by asserting low on CS, RAS, CAS and
WE(The DDR SDRAM should be in active mode with CKE already high prior to writing into the mode register). The state of
address pins A0 ~ A11 and BA0, BA1 in the same cycle as CS, RAS, CAS and WE going low is written in the mode register.
Minimum two clock cycles are requested to complete the write operation in the mode register. The mode register contents
can be changed using the same command and clock cycle requirements during operation as long as all banks are in the
idle state. The mode register is divided into various fields depending on functionality. The burst length uses A0 ~ A2,
addressing mode uses A3, CAS latency(read latency from column address) uses A4 ~ A6. A7 is used for test mode. A8 is
used for DLL reset. A7,A8, BA0 and BA1 must be set to low for normal MRS operation. Refer to the table for specific codes
for various burst length, addressing modes and CAS latencies.
MODE REGISTER SET(MRS)
Address Bus
Mode Register
CAS Latency
A6
A5
A4
Latency
000
Reserved
001
Reserved
010
Reserved
011
3
100
4
101
5
110
6
111
Reserved
Burst Length
A2
A1
A0
Burst Type
Sequential
Interleave
0
0
0
Reserved
Reserved
00
1
2
2
01
0
4
4
01
1
8
8
1
0
0
Reserved
Reserved
1
0
1
Reserved
Reserved
1
1
0
Reserved
Reserved
1
1
1
Reserved
Reserved
Burst Type
A3
Type
0
Sequential
1
Interleave
* RFU(Reserved for future use)
should stay "0" during MRS
cycle.
MRS Cycle
Command
*1 : MRS can be issued only at all banks precharge state.
*2 : Minimum
tRP is required to issue MRS command.
0
CK, CK
Precharge
NOP
NOP
MRS
NOP
NOP
2
01
6
12
10
11
Any
NOP
All Banks
Command
tRP
tMRD=4 tCK
BA1
BA0
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
RFU
0
RFU
DLL
TM
CAS Latency
BT
Burst Length
BA0
An ~ A0
0MRS
1EMRS
DLL
A8
DLL Reset
0No
1Yes
Test Mode
A7
mode
0
Normal
1Test
NOP


Similar Part No. - K4D553235F-GC33

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D553238F SAMSUNG-K4D553238F Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D553238F-GC SAMSUNG-K4D553238F-GC Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D553238F-GC2A SAMSUNG-K4D553238F-GC2A Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D553238F-GC33 SAMSUNG-K4D553238F-GC33 Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D553238F-GC36 SAMSUNG-K4D553238F-GC36 Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
More results

Similar Description - K4D553235F-GC33

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU561622ETP HYNIX-HY5DU561622ETP Datasheet
197Kb / 30P
   256M(16Mx16) gDDR SDRAM
HY5DS573222F HYNIX-HY5DS573222F Datasheet
1,014Kb / 28P
   256M(8Mx32) GDDR SDRAM
HY5DU561622CTP HYNIX-HY5DU561622CTP Datasheet
198Kb / 30P
   256M(16Mx16) gDDR SDRAM
HY5DU573222F HYNIX-HY5DU573222F Datasheet
266Kb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM HYNIX-HY5DU573222AFM Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
logo
Samsung semiconductor
K4D553238F SAMSUNG-K4D553238F Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D553238F-JC SAMSUNG-K4D553238F-JC Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com