Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4T1G084QM-ZCD5 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K4T1G084QM-ZCD5
Description  1Gb M-die DDR2 SDRAM Specification
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4T1G084QM-ZCD5 Datasheet(HTML) 3 Page - Samsung semiconductor

  K4T1G084QM-ZCD5 Datasheet HTML 1Page - Samsung semiconductor K4T1G084QM-ZCD5 Datasheet HTML 2Page - Samsung semiconductor K4T1G084QM-ZCD5 Datasheet HTML 3Page - Samsung semiconductor K4T1G084QM-ZCD5 Datasheet HTML 4Page - Samsung semiconductor K4T1G084QM-ZCD5 Datasheet HTML 5Page - Samsung semiconductor K4T1G084QM-ZCD5 Datasheet HTML 6Page - Samsung semiconductor K4T1G084QM-ZCD5 Datasheet HTML 7Page - Samsung semiconductor K4T1G084QM-ZCD5 Datasheet HTML 8Page - Samsung semiconductor K4T1G084QM-ZCD5 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Page 3 of 29
1Gb M-die DDR2 SDRAM
Rev.1.1 Jan. 2005
DDR2 SDRAM
1.Key Features
Note : This data sheet is an abstract of full DDR2 specification and does not cover the common features
which are described in “DDR2 SDRAM Device Operation & Timing Diagram”.
Speed
DDR2-533
4-4-4
DDR2-400
3-3-3
Units
CAS Latency
43
tCK
tRCD(min)
15
15
ns
tRP(min)
15
15
ns
tRC(min)
55
55
ns
0. Ordering Information
Note : Speed bin is in order of CL-tRCD-tRP
Organization
DDR2-533 4-4-4
DDR2-400 3-3-3
Package
256Mx4
K4T1G044QM-ZCD5
K4T1G044QM-ZCCC
Lead-Free
128Mx8
K4T1G084QM-ZCD5
K4T1G084QM-ZCCC
Lead-Free
64Mx16
K4T1G164QM-ZCD5
K4T1G164QM-ZCCC
Lead-Free
• JEDEC standard 1.8V ± 0.1V Power Supply
• VDDQ = 1.8V ± 0.1V
• 200 MHz fCK for 400Mb/sec/pin, 267MHz fCK for
533Mb/sec/pin.
• 8 Banks
•Posted CAS
• Programmable CAS Latency: 3, 4, 5
• Programmable Additive Latency: 0, 1 , 2 , 3 and 4
• Write Latency(WL) = Read Latency(RL) -1
• Burst Length: 4 , 8(Interleave/nibble sequential)
• Programmable Sequential / Interleave Burst Mode
• Bi-directional Differential Data-Strobe (Single-ended
data-strobe is an optional feature)
• Off-Chip Driver(OCD) Impedance Adjustment
• On Die Termination
• Average Refresh Period 7.8us at lower than TCASE
85
°C, 3.9us at 85°C < T
CASE < 95 °C
• Package: 68ball FBGA - 256Mx4/128Mx8 , 92ball
FBGA - 64Mx16
• All of Lead-free products are compliant for RoHS
The 1Gb DDR2 SDRAM is organized as a 32Mbit x 4 I/Os
x 8 banks, 16Mbit x 8 I/Os x 8banks or 8Mbit x 16 I/Os x 8
banks device. This synchronous device achieves high
speed
double-data-rate
transfer
rates
of
up
to
533Mb/sec/pin (DDR2-533) for general applications.
The chip is designed to comply with the following key
DDR2 SDRAM features such as posted CAS with additive
latency, write latency = read latency - 1, Off-Chip
Driver(OCD) impedance adjustment and On Die Termina-
tion.
All of the control and address inputs are synchronized with
a pair of externally supplied differential clocks. Inputs are
latched at the crosspoint of differential clocks (CK rising
and CK falling). All I/Os are synchronized with a pair of
bidirectional strobes (DQS and DQS) in a source synchro-
nous fashion. The address bus is used to convey row, col-
umn, and bank address information in a RAS/CAS
multiplexing style. For example, 1Gb(x4) device receive
14/11/3 addressing.
The 1Gb DDR2 device operates with a single 1.8V ± 0.1V
power supply and 1.8V ± 0.1V VDDQ.
The 1Gb DDR2 device is available in 68ball FBGAs(x4/x8)
and in 92ball FBGAs(x16).
Note: The functionality described and the timing specifica-
tions included in this data sheet are for the DLL Enabled
mode of operation.


Similar Part No. - K4T1G084QM-ZCD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T1G084QA-ZCD5 SAMSUNG-K4T1G084QA-ZCD5 Datasheet
612Kb / 28P
   1Gb A-die DDR2 SDRAM Specification
K4T1G084QA-ZCE6 SAMSUNG-K4T1G084QA-ZCE6 Datasheet
612Kb / 28P
   1Gb A-die DDR2 SDRAM Specification
K4T1G084QC SAMSUNG-K4T1G084QC Datasheet
485Kb / 26P
   1Gb C-die DDR2 SDRAM Specification
K4T1G084QD SAMSUNG-K4T1G084QD Datasheet
587Kb / 27P
   1Gb D-die DDR2 SDRAM Specification
K4T1G084QE SAMSUNG-K4T1G084QE Datasheet
542Kb / 15P
   Consumer Memory
More results

Similar Description - K4T1G084QM-ZCD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T1G044QQ SAMSUNG-K4T1G044QQ Datasheet
886Kb / 44P
   1Gb Q-die DDR2 SDRAM Specification
K4T1G044QA SAMSUNG-K4T1G044QA Datasheet
612Kb / 28P
   1Gb A-die DDR2 SDRAM Specification
K4T1G084QD SAMSUNG-K4T1G084QD Datasheet
587Kb / 27P
   1Gb D-die DDR2 SDRAM Specification
K4T1G044QC SAMSUNG-K4T1G044QC Datasheet
485Kb / 26P
   1Gb C-die DDR2 SDRAM Specification
K4T1G044QF SAMSUNG-K4T1G044QF Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM
K4H1G0438M SAMSUNG-K4H1G0438M Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification
K4T1G084QF-BCE6000 SAMSUNG-K4T1G084QF-BCE6000 Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM
K4T1G044QE SAMSUNG-K4T1G044QE Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
K4H1G0438A SAMSUNG-K4H1G0438A Datasheet
366Kb / 24P
   1Gb A-die SDRAM Specification
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com