Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1514AAC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LH1514AAC
Description  Solid State Relay High Frequency
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1514AAC Datasheet(HTML) 4 Page - Vishay Siliconix

  LH1514AAC Datasheet HTML 1Page - Vishay Siliconix LH1514AAC Datasheet HTML 2Page - Vishay Siliconix LH1514AAC Datasheet HTML 3Page - Vishay Siliconix LH1514AAC Datasheet HTML 4Page - Vishay Siliconix LH1514AAC Datasheet HTML 5Page - Vishay Siliconix LH1514AAC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 83814
www.vishay.com
Revision 17-August-01
3–75
Figure 7. ton vs. LED Forward Current
Figure 8.
Bleed-through Voltage vs. Rise Time
020
10
0
50
10
4
6
8
30
40
2
–40
°C
25
°C
85
°C
LED Forward Current (mA)
IL=20 mA
010
Rise Time (ns)
100
0
15
30
5
40
60
80
20
20
25
Figure 9. ton/toff vs. Temperature
Figure 10. toff vs. LED Forward Current
–40
0
Ambient Temperature (
°C)
1.1
0.3
20
80
–20
0.8
0.9
1.0
0.4
40
60
0.5
0.6
0.7
toff
ton
020
LED Forward Current (mA)
1.2
0.2
30
50
40
10
0.6
0.8
1.0
0.4
–40
°C
25
°C
85
°C
IL=20 mA


Similar Part No. - LH1514AAC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH1514AF SHARP-LH1514AF Datasheet
987Kb / 20P
   80 OUTPUT LCD SEGMENT DRIVER
More results

Similar Description - LH1514AAC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MS18-1006 MACOM-MS18-1006 Datasheet
123Kb / 2P
   High Performance Solid State Relay
logo
Siemens Semiconductor G...
LH1061AB SIEMENS-LH1061AB Datasheet
497Kb / 8P
   High-Voltage, Solid-State Relay
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com