Electronic Components Datasheet Search
Selected language     English  ▼


LM4804 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM4804
Description  Low Voltage High Power Audio Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 5 page
background image
Typical Performance Characteristics
THD+N vs Frequency
V
DD = 4.2V, RL =8
Ω,P
OUT = 1.5W
THD+N vs Frequency
V
DD = 3.0V, RL =8
Ω,P
OUT = 1.5W
20116723
20116724
THD+N vs Output Power
V
DD = 4.2V, RL =8
Ω, f = 1kHz
THD+N vs Output Power
V
DD = 3.0V, RL =8
20116721
20116722
PSRR vs Frequency
V
DD = 3V, Input Referred
PSRR vs Frequency
V
DD = 4.2V, Input Referred
20116725
20116726
www.national.com
5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJM2113LOW VOLTAGE AUDIO POWER AMPLIFIER 1 2 3 4 New Japan Radio
UTCLM386LOW VOLTAGE AUDIO POWER AMPLIFIER 1 2 Unisonic Technologies
LM4954HIgh Voltage 3 Watt Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
MJE170Low Power Audio Amplifier Low Current High Speed Switching Applications 1 2 3 4 5 Fairchild Semiconductor
NJM2135LOW VOLTAGE AUDIO POWER AMPLIFIER 1 2 3 4 5 New Japan Radio
MJE180Low Power Audio Amplifier Low Current High Speed Switching Applications 1 2 3 4 Fairchild Semiconductor
2SD1591Audio Frequency Power Amplifier and Low Speed High Current Switching Industrial Use 1 List of Unclassifed Manufacturers
LM389LM389 Low Voltage Audio Power Amplifier with NPN Transistor Array 1 2 3 4 5 MoreNational Semiconductor (TI)
NJM2147DUAL HIGH VOLTAGE AND LOW POWER OPERATIONAL AMPLIFIER IC 1 2 3 4 5 New Japan Radio

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl