Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27961TLX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27961TLX
Description  Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27961TLX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM27961TLX Datasheet HTML 5Page - National Semiconductor (TI) LM27961TLX Datasheet HTML 6Page - National Semiconductor (TI) LM27961TLX Datasheet HTML 7Page - National Semiconductor (TI) LM27961TLX Datasheet HTML 8Page - National Semiconductor (TI) LM27961TLX Datasheet HTML 9Page - National Semiconductor (TI) LM27961TLX Datasheet HTML 10Page - National Semiconductor (TI) LM27961TLX Datasheet HTML 11Page - National Semiconductor (TI) LM27961TLX Datasheet HTML 12Page - National Semiconductor (TI) LM27961TLX Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Circuit Description (Continued)
Connecting outputs in parallel does not affect internal opera-
tion of the LM27961 and has no impact on the Electrical
Characteristics and limits previously presented. The avail-
able diode output current, maximum diode voltage, and all
other specifications provided in the Electrical Characteristics
table apply to parallel output configurations, just as they do
to the standard application circuit on pg1 of the datasheet.
SOFT START
The LM27961 contains internal soft-start circuitry to limit
input inrush currents when the part is enabled. Soft start is
implemented with a controlled turn-on of the internal voltage
reference. During soft start, the current through the LED
outputs rise at the rate of the reference voltage ramp. Due to
the soft-start circuitry, turn-on time of the LM27961 is ap-
proximately 350µs (typ.).
THERMAL PROTECTION
Internal thermal protection circuitry disables the LM27961
when the junction temperature exceeds 160˚C (typ.). This
feature protects the device from being damaged by high die
temperatures that might otherwise result from excessive
power dissipation. The device will recover and operate nor-
mally when the junction temperature falls below 120˚C (typ.).
It is important that the board layout provides good thermal
conduction. This will help to keep the junction temperature
within specified operating ratings.
Applications Information
POWER EFFICIENCY
Efficiency of LED drivers is commonly taken to be the ratio of
power consumed by the LEDs (P
LED) to the power drawn at
the input of the part (P
IN). With a 1.5x charge pump, the input
current is approximately 1.5x the output current (total LED
current). For a simple approximation, the current consumed
by internal circuitry can be neglected and the efficiency of
the LM27961 can be predicted as follows:
Neglecting I
Q will result in a slightly higher efficiency predic-
tion, but this impact will be no more than a few percentage
points when several LEDs are driven at full power.
ADJUSTING LED BRIGHTNESS (PWM control)
Perceived LED brightness can be adjusted using a PWM
control signal to turn the LM27961 current sources ON and
OFF at a rate faster than perceptible by the eye. When this
is done, the total brightness perceived is proportional to the
duty cycle (D) of the PWM signal (D = the percentage of time
that the LED is on in every PWM cycle). A simple example: if
the LEDs are driven at 15mA each with a PWM signal that
has a 50% duty cycle, perceived LED brightness will be
about half as bright as compared to when the LEDs are
driven continuously with 15mA. A PWM signal thus provides
brightness (dimming) control for the solution.
The minimum recommended PWM frequency is 100Hz. Fre-
quencies below this may be visibly noticeable as flicker or
blinking. The maximum recommended PWM frequency is
1kHz. Frequencies above this may cause interference with
internal current driver circuitry.
In cases where a PWM signal must be connected to the ENx
pins, measures can be taken to reduce the magnitude of the
charge-pump turn-on voltage spikes. More input capaci-
tance, series resistors and/or ferrite beads may provide ben-
efits.
If the current and voltage spikes can be tolerated, connect-
ing the PWM signal to the EN pin does provide a benefit:
lower supply current when the PWM signal is active. When
the PWM signal is low, the LM27961 will be shutdown and
input current will only be a few micro-amps. This results in a
lower time-averaged input current.
CAPACITOR SELECTION
The LM27961 requires 4 external capacitors for proper op-
eration. Surface-mount multi-layer ceramic capacitors are
recommended. These capacitors are small, inexpensive and
have very low equivalent series resistance (ESR <20mW
typ.). Tantalum capacitors, OS-CON capacitors, and alumi-
num electrolytic capacitors are not recommended for use
with the LM27961 due to their high ESR, as compared to
ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R
temperature characteristic are preferred for use with the
LM27961. These capacitors have tight capacitance toler-
ance (as good as ±10%) and hold their value over tempera-
ture (X7R: ±15% over -55˚C to 125˚C; X5R: ±15% over
-55˚C to 85˚C).
Capacitors with Y5V or Z5U temperature characteristic are
generally not recommended for use with the LM27961. Ca-
pacitors with these temperature characteristics typically
have wide capacitance tolerance (+80%, -20%) and vary
significantly over temperature (Y5V: +22%, -82% over -30˚C
to +85˚C range; Z5U: +22%, -56% over +10˚C to +85˚C
range). Under some conditions, a nominal 1µF Y5V or Z5U
capacitor could have a capacitance of only 0.1µF. Such
detrimental deviation is likely to cause Y5V and Z5U capaci-
tors to fail to meet the minimum capacitance requirements of
the LM27961.
20127920
FIGURE 2. One Parallel Connected LED
www.national.com
11


Similar Part No. - LM27961TLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results

Similar Description - LM27961TLX

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM2796 TI1-LM2796 Datasheet
777Kb / 14P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM2796 TI1-LM2796_16 Datasheet
782Kb / 16P
[Old version datasheet]   LM2796 Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
   White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27951 TI1-LM27951_16 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com