Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72T1875L6-7BBI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72T1875L6-7BBI
Description  2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T1875L6-7BBI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72T1875L6-7BBI Datasheet HTML 1Page - Integrated Device Technology IDT72T1875L6-7BBI Datasheet HTML 2Page - Integrated Device Technology IDT72T1875L6-7BBI Datasheet HTML 3Page - Integrated Device Technology IDT72T1875L6-7BBI Datasheet HTML 4Page - Integrated Device Technology IDT72T1875L6-7BBI Datasheet HTML 5Page - Integrated Device Technology IDT72T1875L6-7BBI Datasheet HTML 6Page - Integrated Device Technology IDT72T1875L6-7BBI Datasheet HTML 7Page - Integrated Device Technology IDT72T1875L6-7BBI Datasheet HTML 8Page - Integrated Device Technology IDT72T1875L6-7BBI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
5
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T1845/55/65/75/85/95/105/115/125 2.5V TeraSync™ 18-BIT/9-BIT FIFO 2Kx18/4Kx9, 4Kx18/
8Kx9, 8Kx18/16Kx9, 16Kx18/32Kx9, 32Kx18/64Kx9, 64Kx18/128Kx9, 128Kx18/256Kx9, 256Kx18/512Kx9, 512Kx18/1Mx9
The device can be configured with different input and output bus widths as
shown in Table 1.
A Big-Endian/Little-Endian data word format is provided. This function is
useful when data is written into the FIFO in long word format (x18) and read
out of the FIFO in small word (x9) format. If Big-Endian mode is selected, then
themostsignificantbyte(word)ofthelongwordwrittenintotheFIFOwillberead
outoftheFIFOfirst,followedbytheleastsignificantbyte.IfLittle-Endianformat
is selected, then the least significant byte of the long word written into the FIFO
will be read out first, followed by the most significant byte. The mode desired is
configured during master reset by the state of the Big-Endian (
BE) pin.
The Interspersed/Non-Interspersed Parity (IP) bit function allows the user
to select the parity bit in the word loaded into the parallel port (D0-Dn) when
programming the flag offsets. If Interspersed Parity mode is selected, then the
FIFOwillassumethattheparitybitislocatedinbitpositionsD8duringtheparallel
programming of the flag offsets. If Non-Interspersed Parity mode is selected,
then D8 is assumed to be a valid bit and D16 and D17 are ignored. IP mode
is selected during Master Reset by the state of the IP input pin. This mode is
relevant only when the input width is set to x18 mode.
If, at any time, the FIFO is not actively performing an operation, the chip will
automatically power down. Once in the power down state, the standby supply
currentconsumptionisminimized. Initiatinganyoperation(byactivatingcontrol
inputs) will immediately take the device out of the power down state.
Both an Asynchronous Output Enable pin (
OE) and Synchronous Read
Chip Select pin (
RCS)areprovidedontheFIFO.TheSynchronousReadChip
SelectissynchronizedtotheRCLK.Boththeoutputenableandreadchipselect
control the output buffer of the FIFO, causing the buffer to be either HIGH
impedance or LOW impedance.
A JTAG test port is provided, here the FIFO has fully functional Boundary
Scan feature, compliant with IEEE 1449.1 Standard Test Access Port and
Boundary Scan Architecture.
The TeraSync FIFO has the capability of operating its ports (write and/or
read) in either LVTTL or HSTL mode, each ports selection independent of the
other. The write port selection is made via WHSTL and the read port selection
via RHSTL. An additional input SHSTL is also provided, this allows the user
to select HSTL operation for other pins on the device (not associated with the
write or read ports).
The IDT72T1845/72T1855/72T1865/72T1875/72T1885/72T1895/
72T18105/72T18115/72T18125 are fabricated using IDT’s high speed sub-
micron CMOS technology.


Similar Part No. - IDT72T1875L6-7BBI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT72T1875 ETC2-IDT72T1875 Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T1875 IDT-IDT72T1875 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1875 IDT-IDT72T1875 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T1875 RENESAS-IDT72T1875 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
More results

Similar Description - IDT72T1875L6-7BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
72T72115L5BBGI IDT-72T72115L5BBGI Datasheet
471Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T3645 RENESAS-IDT72T3645 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
logo
Integrated Device Techn...
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com