Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZL068H Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MAZL068H
Description  Silicon planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZL068H Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MAZL068H Datasheet HTML 1Page - Panasonic Semiconductor MAZL068H Datasheet HTML 2Page - Panasonic Semiconductor MAZL068H Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MAZL000H Series
SKE00011BED
2
s Electrical characteristics within part numbers T
a = 25°C
VZ (V)
IR (mA)
RZ (Ω)RZK (Ω)
IZ
VR
IZ = 5 mA IZ = 0.5 mA
Min
Nom
Max
(mA)
Max
(V)
Max
Max
Part number
Zener voltage
Marking symbol
MAZL062H
5.8
6.2
6.6
5
0.2
4
50
100
6.2Z
MAZL068H
6.4
6.8
7.2
5
0.1
4
30
60
6.8Z
MAZL082H
7.7
8.2
8.7
5
0.1
5
30
60
8.2Z
MAZL100H
9.4
10.0
10.6
5
0.05
7
30
60
10Z
MAZL120H
11.4
12.0
12.7
5
0.05
9
30
80
12Z
Note) 1. The VZ value is the one after power application for 20 ms at Ta = 25°C.
2. The zener voltage temperature coefficient is the one for Tj = 25°C to 150°C.
Zener operating
resistance
Reverse current
Ptot  Ta
IZ  VZ
IF  VF
RZ  IZ
SZ  IZ
Ct  VR
0.001
468
10
12
14
0.01
0.1
1
10
100
Zener voltage V
Z (V)
Ta = 25°C
0
0
250
200
150
100
50
50
100
150
200
250
Ambient temperature T
a (°C)
Cu foil
t
= 0.035 mm
10 mm
0.8 mm
10 mm
0.01
0
0.2
0.4
0.6
1.0
0.8
1.2
0.1
1
10
100
Forward voltage V
F (V)
Ta = 25°C
0.1
1
10
0.3
3
30
0.5
5
50
100
13
30
550
10
100
Zener current I
Z (mA)
Ta = 25°C
MAZL082H
MAZL100H
MAZL068H
MAZL120H
MAZL062H
0
12
10
8
6
4
2
0
1020304050
60
Zener current I
Z (mA)
Ta = 25°C to 150°C
MAZL082H
MAZL068H
MAZL062H
MAZL100H
MAZL120H
0
10
0
15
20
2
4
6
8
10
12
25
30
Reverse voltage V
R (V)
5
Ta = 25°C
MAZL068H
MAZL062H
MAZL082H
MAZL100H
MAZL120H


Similar Part No. - MAZL068H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZL068D PANASONIC-MAZL068D Datasheet
27Kb / 2P
   Silicon planer type
More results

Similar Description - MAZL068H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com