Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4281ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4281ESA
Description  SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4281ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4281ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4281ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4281ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4281ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4281ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4281ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4281ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4281ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4281ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SOT23, Rail-to-Rail, Fixed-Gain
GainAmps/Open-Loop Op Amps
6
_______________________________________________________________________________________
1k
10k
100k
1M
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
0
-120
-100
-80
-60
-40
-20
AV = +3V/V
AV = +10V/V
VOUT = 1Vp-p
AV = +1.25V/V
1k
10k
100k
1M
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
0
-120
-100
-80
-60
-40
-20
AV = +25V/V
AV = +51V/V
VOUT = 1Vp-p
-120
-90
-100
-110
-80
-70
-60
0
2.0
1.5
0.5 1.0
2.5 3.0 3.5 4.0 4.5 5.0
TOTAL HARMONIC DISTORTION
vs. OUTPUT VOLTAGE SWING
VOLTAGE SWING (Vp-p)
AV = +1.25V/V
AV = +3V/V
AV = +10V/V
f = 10kHz
Typical Operating Characteristics (continued)
(VCC = +5V, RL = 100kΩ to VCC / 2, small-signal VOUT = 100mVp-p, large-signal VOUT = 1Vp-p, TA = +25°C, unless otherwise noted.)
MAX4174/MAX4175
-120
-90
-100
-110
-80
-70
-60
0
2.0
1.5
0.5 1.0
2.5 3.0 3.5 4.0 4.5 5.0
TOTAL HARMONIC DISTORTION
vs. OUTPUT VOLTAGE SWING
VOLTAGE SWING (Vp-p)
AV = +25V/V
AV = +51V/V
f = 10kHz
1
10
100
1k
10k
100k
VOLTAGE NOISE DENSITY vs. FREQUENCY
(AV = +1.25, +3, +10)
FREQUENCY (Hz)
1000
10
100
AV = +10V/V
AV = +3V/V
AV = +1.25V/V
1
10
100
1k
10k
100k
VOLTAGE NOISE DENSITY vs. FREQUENCY
(AV = +25, +51)
FREQUENCY (Hz)
1000
10
100
AV = +25V/V
AV = +51V/V
INCLUDES RESISTOR NOISE
1
10
100
1k
10k
100k
CURRENT NOISE DENSITY vs.
FREQUENCY
FREQUENCY (Hz)
10
1


Similar Part No. - MAX4281ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4285 MAXIM-MAX4285 Datasheet
377Kb / 16P
   3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4285ESA MAXIM-MAX4285ESA Datasheet
377Kb / 16P
   3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4285EUT-T MAXIM-MAX4285EUT-T Datasheet
377Kb / 16P
   3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4286 MAXIM-MAX4286 Datasheet
377Kb / 16P
   3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4286ESA MAXIM-MAX4286ESA Datasheet
377Kb / 16P
   3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
More results

Similar Description - MAX4281ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4174 MAXIM-MAX4174 Datasheet
298Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4074 MAXIM-MAX4074 Datasheet
412Kb / 20P
   Micropower, SOT23, Rail-to-Rail, Fixed-Gain, GainAmp/Open-Loop Op Amps
19-1526; Rev 1; 10/99
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4236 MAXIM-MAX4236 Datasheet
455Kb / 14P
   SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps
Rev 0; 8/01
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com