Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4282EUA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4282EUA
Description  SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4282EUA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4282EUA Datasheet HTML 4Page - Maxim Integrated Products MAX4282EUA Datasheet HTML 5Page - Maxim Integrated Products MAX4282EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4282EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4282EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4282EUA Datasheet HTML 9Page - Maxim Integrated Products MAX4282EUA Datasheet HTML 10Page - Maxim Integrated Products MAX4282EUA Datasheet HTML 11Page - Maxim Integrated Products MAX4282EUA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SOT23, Rail-to-Rail, Fixed-Gain
GainAmps/Open-Loop Op Amps
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5V, RL = 100kΩ to VCC / 2, small-signal VOUT = 100mVp-p, large-signal VOUT = 1Vp-p, TA = +25°C, unless otherwise noted.)
-200
-100
-150
50
0
-50
150
100
200
-50
-5
10
-35 -20
25
40
55
70
85
INPUT OFFSET VOLTAGE vs.
TEMPERATURE
TEMPERATURE (°C)
VCC = 2.5V
VCC = 5.5V
-200
0
200
400
600
800
1000
-45
-15
-30
0
153045607590
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 2.5V
VCC = 5.5V
240
280
260
320
300
360
340
380
-50
-20
-5
-35
10
25
40
55
70
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 4V
VCC = 2.5V
VCC = 3V
VCC = 5V
VCC = 5.5V
-100
-60
-80
-20
-40
20
0
40
80
60
100
-50
-20
-5
10
-35
25
40
55
70
85
VOH AND VOL vs. TEMPERATURE
(VCC = 2.5V)
TEMPERATURE (°C)
VOL, RL = 1kΩ
VOL, RL = 10kΩ
VOL, RL = 100kΩ
VOH, RL = 10kΩ
VOH, RL = 100kΩ
VOH, RL = 1kΩ
-100
-60
-40
-20
-80
40
60
0
20
80
100
160
180
120
140
200
-50
-20
-5
10
-35
25
40
55
70
85
VOH AND VOL vs. TEMPERATURE
(VCC = 5.5V)
TEMPERATURE (°C)
VOL, RL = 1kΩ
VOL, RL = 100kΩ
VOL, RL = 100kΩ
VOH, RL = 10kΩ
VOH, RL = 100kΩ
VOH, RL = 1kΩ
MAX4174/MAX4175/MAX4281/MAX4282/MAX4284
-70
100
10k
100k
1k
1M
POWER-SUPPLY REJECTION
vs. FREQUENCY
FREQUENCY (Hz)
-95
-90
-85
-80
-75
100
10k
100k
1k
1M
OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (Hz)
100
0.01
0.1
1
10
5.0
4.0
1
10
100
OUTPUT VOLTAGE SWING
vs. RLOAD
RLOAD (kΩ)
4.9
4.8
4.7
4.6
4.5
4.4
4.3
4.2
4.1


Similar Part No. - MAX4282EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4285 MAXIM-MAX4285 Datasheet
377Kb / 16P
   3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4285ESA MAXIM-MAX4285ESA Datasheet
377Kb / 16P
   3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4285EUT-T MAXIM-MAX4285EUT-T Datasheet
377Kb / 16P
   3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4286 MAXIM-MAX4286 Datasheet
377Kb / 16P
   3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4286ESA MAXIM-MAX4286ESA Datasheet
377Kb / 16P
   3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
More results

Similar Description - MAX4282EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4174 MAXIM-MAX4174 Datasheet
298Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4074 MAXIM-MAX4074 Datasheet
412Kb / 20P
   Micropower, SOT23, Rail-to-Rail, Fixed-Gain, GainAmp/Open-Loop Op Amps
19-1526; Rev 1; 10/99
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4236 MAXIM-MAX4236 Datasheet
455Kb / 14P
   SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps
Rev 0; 8/01
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com