Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC1G00DTT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC1G00DTT1
Description  Single 2-Input NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC1G00DTT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC1G00DTT1 Datasheet HTML 1Page - ON Semiconductor MC74HC1G00DTT1 Datasheet HTML 2Page - ON Semiconductor MC74HC1G00DTT1 Datasheet HTML 3Page - ON Semiconductor MC74HC1G00DTT1 Datasheet HTML 4Page - ON Semiconductor MC74HC1G00DTT1 Datasheet HTML 5Page - ON Semiconductor MC74HC1G00DTT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Publication Order Number:
MC74HC1G00/D
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 9
1
MC74HC1G00
Single 2−Input NAND Gate
The MC74HC1G00 is a high speed CMOS 2−input NAND gate
fabricated with silicon gate CMOS technology.
The internal circuit is composed of multiple stages, including a
buffer output which provides high noise immunity and stable output.
High Speed: t
PD = 7 ns (Typ) at VCC = 5 V
Low Power Dissipation: I
CC = 1
mA (Max) at TA = 25°C
High Noise Immunity
Balanced Propagation Delays (t
PLH = tPHL)
Symmetrical Output Impedance (I
OH = IOL = 2 mA)
Chip Complexity: FETs = 40
Pb−Free Packages are Available
Figure 1. Pinout (Top View)
VCC
IN B
IN A
OUT Y
GND
Figure 2. Logic Symbol
OUT Y
&
1
2
34
5
IN B
IN A
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
FUNCTION TABLE
L
L
H
H
Output
H
H
H
L
Inputs
L
H
L
H
MARKING
DIAGRAMS
Pin 1
H1d
SC70−5/SC−88A/SOT−353
DF SUFFIX
CASE 419A
SOT23−5/TSOP−5/SC59−5
DT SUFFIX
CASE 483
Pin 1
d
= Date Code
M = Month Code
H1M
PIN ASSIGNMENT
1
2
3
GND
IN B
IN A
4
5VCC
OUT Y
AB
Y
1
1
5
5
http://onsemi.com


Similar Part No. - MC74HC1G00DTT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G00DTT1G ONSEMI-MC74HC1G00DTT1G Datasheet
118Kb / 6P
   Single 2-Input NAND Gate
June, 2013 ??Rev. 11
MC74HC1G00DTT1G ONSEMI-MC74HC1G00DTT1G Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74HC1G00DTT1G ONSEMI-MC74HC1G00DTT1G Datasheet
291Kb / 10P
   Single 2-Input NAND Gate
April, 2022 ??Rev. 16
More results

Similar Description - MC74HC1G00DTT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com