Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3547 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SK3547
Description  Silicon n-channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK3547 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SK3547 Datasheet HTML 1Page - Panasonic Semiconductor 2SK3547 Datasheet HTML 2Page - Panasonic Semiconductor 2SK3547 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SK3547
2
SJF00038AED
Y
fs  VGS
RDS(on)  VGS
VIN  IO
PD  Ta
ID  VDS
ID  VGS
0
80
120
40
0
120
40
100
80
20
60
Ambient temperature T
a (°C)
70
60
50
40
30
20
10
0
2468
10
12
0
Ta = 25°C
VGS = 2.0 V
1.9 V
1.7 V
1.6 V
1.5 V
1.8 V
Drain-source voltage V
DS (V)
250
200
150
100
50
0
0.5
1.0
1.5
2.0
3.0
2.5
0
VDS = 3 V
Ta = −25°C
25
°C
75
°C
Gate-source voltage V
GS (V)
0.16
0.12
0.08
0.04
0.02
0.14
0.10
0.06
0
123
0
VDS = 3 V
f
= 1 kHz
Ta = 25°C
Gate-source voltage V
GS (V)
06
24
ID = 10 mA
0
60
50
40
30
20
10
Ta = 75°C
25
°C
−25°C
Gate-source voltage V
GS (V)
1
10
100
1
10
VO = 5 V
Ta = 25°C
Output current
I
O (mA)


Similar Part No. - 2SK3547

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3541 ROHM-2SK3541 Datasheet
86Kb / 5P
   Small switching (30V, 0.1A)
2SK3541 ROHM-2SK3541 Datasheet
87Kb / 4P
   2.5V Drive Nch MOS FET
logo
Jiangsu Changjiang Elec...
2SK3541 JIANGSU-2SK3541 Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
WILLAS ELECTRONIC CORP
2SK3541M3T5 WILLAS-2SK3541M3T5 Datasheet
463Kb / 4P
   SOT-723 Plastic-Encapsulate MOSFETS
logo
Chenmko Enterprise Co. ...
2SK3541PT CHENMKO-2SK3541PT Datasheet
220Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - 2SK3547

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com